Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7943CA-02 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # C7943CA-02
Description  Acquire digital X-ray image in real time and 170 & 176 mm diagonal size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7943CA-02 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  C7943CA-02 Datasheet HTML 1Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 2Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 3Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 4Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 5Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Flat panel sensors C7942CA-02 and C7943CA-02 are digital X-ray image sensors newly developed as key devices for non-destructive inspection,
biochemical imaging, X-ray microscopy and other real-time X-ray imaging applications requiring high resolution and high image quality.
Features
l Non-destructive inspection
l Digital X-ray photography
Applications
l C7942CA-02: 2400 × 2400 pixels
C7943CA-02: 1248 × 1248 pixels
l Digital output (12-bit)
l High-speed imaging:
C7942CA-02: 2 frames/s (single operation)
9 frames/s (4 × 4 binning)
C7943CA-02: 7 frames/s (single operation)
30 frames/s (4 × 4 binning)
l Low noise and wide dynamic range
l Compact package
l Easy use
IMAGE
SENSOR
Flat panel sensor
Acquire digital X-ray image in real time and 170 & 176 mm diagonal size
C7942CA-02, C7943CA-02
AMP ARRAY No. 1
TIMING
PULSE
GENERATOR
OSCILLATOR
ExtTrgGrb
PIXEL NUMBER
Vsync
Hsync
Pclk
A/D
IntExt
BINNING
(bin0, bin1)
EXTERNAL POWER SUPPLY
A.vdd, D.vdd, V (±7.5)
(not attached)
AMP ARRAY No. 8
PHOTODIODE
ARRAY
Note: Signals are read out in order of pixel number.
BUFFER
AMP
BUFFER
AMP
PROCESSING
AMP
PROCESSING
AMP
12
5760000
5759999
2400
2339
4800
4799
2401
SCINTILLATOR
(120 × 120 mm)
BIAS
GENERATOR
ExtTrgLemo
FIFO
A/D
FIFO
VIDEO OUTPUT
(12 BIT DIGITAL)
KACCC0216EB
1
s Block diagram (C7942CA-02)
C7942CA-02 is a lightweight and compact flat panel sensor consisting of a sensor board and a control board. The sensor board
also has 8 charge-sensitive amplifier arrays each having 300 ch amplifiers with a horizontal shift register. Analog video signals
are amplified as the charge on each video line by 2400 ch charge amplifiers with CDS (Correlated Double Sampling) circuits
added, and are output each of 8 amplifier arrays. The control board converts the analog video signal into a 12-bit digital signal and
outputs it to an external frame grabber through the 12-bit parallel port.


Similar Part No. - C7943CA-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7943CA HAMAMATSU-C7943CA Datasheet
204Kb / 8P
   Flat panel sensor
More results

Similar Description - C7943CA-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7942CK-12 HAMAMATSU-C7942CK-12 Datasheet
138Kb / 6P
   Acquire digital X-ray image in real time and 170 mm diagonal size
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
National Instruments Co...
CVS-1454 NI-CVS-1454 Datasheet
442Kb / 5P
   Real-time FireWire image acquisition,analysis, and storage
logo
Maxim Integrated Produc...
MAX31629 MAXIM-MAX31629 Datasheet
575Kb / 21P
   I2C Digital Thermometer and Real-Time Clock
Rev 1; 12/14
logo
STMicroelectronics
AN421 STMICROELECTRONICS-AN421 Datasheet
93Kb / 11P
   In real time applications
logo
Maxim Integrated Produc...
DS1629 MAXIM-DS1629 Datasheet
496Kb / 23P
   2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
logo
Hamamatsu Corporation
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S10830 HAMAMATSU-S10830_15 Datasheet
653Kb / 9P
   CMOS area image sensors for X-ray imaging
logo
Dallas Semiconductor
DS1629 DALLAS-DS1629 Datasheet
985Kb / 22P
   2-Wire Digital Thermometer and Real Time Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com