Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7883 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C7883
Description  High-speed driver circuit for current-output type NMOS linear image sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7883 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C7883_07 Datasheet HTML 1Page - Hamamatsu Corporation C7883_07 Datasheet HTML 2Page - Hamamatsu Corporation C7883_07 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Cat. No. KACC1074E03
Mar. 2007 DN
Dedicated cable
A8226
Connector on board: UFS-16B-01
Input/output signal connector: BNC (Start, CLK, Trigger, EOS, Data Video)
Power supply: lose wire cable
Cable length: 1 m
Note) When making a simple in-circuit evaluation of NMOS linear image sensors without any troublesome soldering, use
C7883G, C7884G, C7884G-01 or G7885G in combination with A8226.
All you have to do is just insert an NMOS linear image sensor into the socket and connect the cables to an oscilloscope,
power supply and AD converter. Note that NMOS linear image sensors are sold separately.
Dedicated cable A8226
C7884G used in combination with A8226
3


Similar Part No. - C7883_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7883-20 HAMAMATSU-C7883-20 Datasheet
212Kb / 4P
   Driver circuit for NMOS linear image sensor
C7883G HAMAMATSU-C7883G Datasheet
212Kb / 4P
   Driver circuit for NMOS linear image sensor
C7883G HAMAMATSU-C7883G Datasheet
209Kb / 6P
   Current output, high UV sensitivity, excellent linearity, low power consumption
More results

Similar Description - C7883_07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7884 HAMAMATSU-C7884_07 Datasheet
196Kb / 4P
   High-precision driver circuit for current-output type NMOS linear image sensor
C7885 HAMAMATSU-C7885_07 Datasheet
190Kb / 3P
   Driver circuit for voltage-output type NMOS linear image sensor
C7884 HAMAMATSU-C7884_15 Datasheet
391Kb / 5P
   High-precision driver circuits for current-output type NMOS linear image sensor
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
C7884 HAMAMATSU-C7884 Datasheet
228Kb / 5P
   Driver circuit for NMOS linear image sensor
C7883 HAMAMATSU-C7883 Datasheet
212Kb / 4P
   Driver circuit for NMOS linear image sensor
C8225 HAMAMATSU-C8225 Datasheet
113Kb / 2P
   Pulse generator for NMOS linear image sensor driver circuit
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com