Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8406-31 Datasheet(PDF) 8 Page - Hamamatsu Corporation

Part # A8406-31
Description  Various types of cables for frame grabber
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A8406-31 Datasheet(HTML) 8 Page - Hamamatsu Corporation

  A8406-31 Datasheet HTML 1Page - Hamamatsu Corporation A8406-31 Datasheet HTML 2Page - Hamamatsu Corporation A8406-31 Datasheet HTML 3Page - Hamamatsu Corporation A8406-31 Datasheet HTML 4Page - Hamamatsu Corporation A8406-31 Datasheet HTML 5Page - Hamamatsu Corporation A8406-31 Datasheet HTML 6Page - Hamamatsu Corporation A8406-31 Datasheet HTML 7Page - Hamamatsu Corporation A8406-31 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Cat. No. KACC1123E02
Oct. 2007 DN
Frame grabber cables
A8406 series
A8406-62/-64 cable are designed to connect the flat panel sensor to the National Instrument IMAQ PCI-1424 and IMAQ PCI-1422 digital frame
grabber board. Both ends of this cable have connectors. One end is a 68-pin plug mating with the flat panel sensor digital output receptacle, while
the other end is a 100-pin plug for the IMAQ PCI-1424 and IMAQ PCI-1422.
Cable for IMAQ PCI-1424/ IMAQ PCI-1422 frame grabber
A8406-62/-64
s P in c o nnec tion fo r A 8 40 6 - 62/- 64
PC S- X E 6 8 M A +
Pin N o .
S igna l
PC S- X E 1 0 0 M A +
Pin N o .
PC S- X E 6 8 M A +
Pin N o .
S igna l
PC S- X E 1 0 0 M A +
Pin N o .
1
A _ D a ta1+ ( L S B )
1
35
A _ D a ta1- (L S B )
2
2
A _ D a ta2+
3
36
A _ D a ta2-
4
3
A _ D a ta3+
5
37
A _ D a ta3-
6
4
A _ D a ta4+
7
38
A _ D a ta4-
8
5
A _ D a ta5+
9
39
A _ D a ta5-
10
6
A _ D a ta6+
11
40
A _ D a ta6-
12
7
A _ D a ta7+
13
41
A _ D a ta7-
14
8
A _ D a ta8+
15
42
A _ D a ta8-
16
9
A _ D a ta9+
17
43
A _ D a ta9-
18
10
A _ D a ta10 +
19
44
A _ D a ta10-
20
11
A _ D a ta 11 +
21
45
A _ D a ta 11 -
22
12
A _ D a ta12 +
23
46
A _ D a ta12-
24
13
A _ D a ta13 + * 19
25
47
A _ D a ta13- * 19
26
14
A _ D a ta14 + * 20
27
48
A _ D a ta14- * 20
28
15
B _ D a ta1+ ( L S B )
51
49
B _ D a ta1- (L S B )
52
16
B _ D a ta2+
53
50
B _ D a ta2-
54
17
B _ D a ta3+
55
51
B _ D a ta3-
56
18
B _ D a ta4+
57
52
B _ D a ta4-
58
19
B _ D a ta5+
59
53
B _ D a ta5-
60
20
B _ D a ta6+
61
54
B _ D a ta6-
62
21
B _ D a ta7+
63
55
B _ D a ta7-
64
22
B _ D a ta8+
65
56
B _ D a ta8-
66
23
B _ D a ta9+
67
57
B _ D a ta9-
68
24
B _ D a ta10 +
69
58
B _ D a ta10-
70
25
B _ D a ta 11 +
71
59
B _ D a ta 11 -
72
26
B _ D a ta12 +
73
60
B _ D a ta12-
74
27
B _ D a ta13 + * 19
75
61
B _ D a ta13- * 19
76
28
B _ D a ta14 + * 20
77
62
B _ D a ta14- * 20
78
29
R e s e r v ed * 21
33
63
G N D
99
30
R e s e r v ed * 21
35
64
G ND
100
31
E x tT r g G r b ( T TL)
37
65
In tE x t ( T TL)
39
32
Vs y n c +
41
66
Vs y n c -
42
33
H s y n c +
43
67
H s y n c -
44
34
Pc lk +
49
68
Pc lk -
50
* 19: M S B fo r 13 bit
* 20: M S B fo r 14 bit
* 21: The s igna ls c o n n e c ted to thes e pins depe nd on e a c h de v ic e s . R e fe r to th e datas heet fo r the flat pan el s e n s or.

N o te : The IM A Q P C I- 1422 fr a m e grabb er bo ar d m a y no t be c o m patib le w ith a fe w ty pes of H A M A M A TS U flat pan el s e ns ors .
The c o m p atib ility s h o u ld be a s k e d to N a tion al In s tru m e nts C o r por ation (h ttp ://w w w .n i.c o m /) w ith r e fe renc e to data s h e e ts
of the flat pan el s e n s ors .
The tw o t y pes of output are av aila b le w ith flat pane l s e ns or s : R S - 4 2 2 and LV D S . S e le c t a digita l fr a m e gr a bber th a t
m a tc he s th e output ty pe of th e flat pane l s e n s or.
KACCA0226EB
51
100
1
50
PCS-XE100MA+
PCS-XEM100LU2
68-PIN CABLE
PCS-E68LKPB
a
PCS-XE68MA+
34
68
135
FERRITE CORE
s Dimensional outline (unit: mm)
8
Cable Type No.
A8406-62
a
5000 ± 140
A8406-64
10000 ± 200


Similar Part No. - A8406-31

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406_15 Datasheet
200Kb / 4P
   Frame grabber cables for fl at panel sensor
More results

Similar Description - A8406-31

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406_15 Datasheet
200Kb / 4P
   Frame grabber cables for fl at panel sensor
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Adlink Technology Inc.
PCIE-CPL64 ADLINK-PCIE-CPL64 Datasheet
177Kb / 2P
   2-CH PCI Express짰 PoCL Frame Grabber
logo
Advantech Co., Ltd.
PCIE-1154 ADVANTECH-PCIE-1154 Datasheet
267Kb / 1P
   4-port PCI Express USB Vision Frame Grabber
26-Oct-2021
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Adlink Technology Inc.
PCIE-GIEIMX ADLINK-PCIE-GIEIMX Datasheet
162Kb / 2P
   Intel Movidius Myriad based GigE AI Frame Grabber
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com