Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS5A3159-EP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159-EP
Description  1-廓 SPDT ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159-EP Datasheet(HTML) 1 Page - Texas Instruments

  TS5A3159-EP Datasheet HTML 1Page - Texas Instruments TS5A3159-EP Datasheet HTML 2Page - Texas Instruments TS5A3159-EP Datasheet HTML 3Page - Texas Instruments TS5A3159-EP Datasheet HTML 4Page - Texas Instruments TS5A3159-EP Datasheet HTML 5Page - Texas Instruments TS5A3159-EP Datasheet HTML 6Page - Texas Instruments TS5A3159-EP Datasheet HTML 7Page - Texas Instruments TS5A3159-EP Datasheet HTML 8Page - Texas Instruments TS5A3159-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
APPLICATIONS
SOT-23 PACKAGE
(TOP VIEW)
1
2
3
6
5
4
NO
GND
NC
COM
V+
IN
DESCRIPTION/ORDERING INFORMATION
TS5A3159-EP
1-
Ω SPDT ANALOG SWITCH
SCDS217B – DECEMBER 2005 – REVISED JANUARY 2006
Low Total Harmonic Distortion
Controlled Baseline
1.65-V to 5.5-V Single-Supply Operation
– One Assembly/Test Site, One Fabrication
Latch-Up Performance Exceeds 100 mA Per
Site
JESD 78, Class II
Enhanced Diminishing Manufacturing
ESD Performance Tested Per JESD 22
Sources (DMS) Support
– 2000-V Human-Body Model
Enhanced Product-Change Notification
(A114-B, Class II)
Qualification Pedigree (1)
– 1000-V Charged-Device Model (C101)
Specified Break-Before-Make Switching
Low ON-State Resistance (1
Ω)
Cell Phones
Control Inputs Are 5-V Tolerant
PDAs
Low Charge Injection
Portable Instrumentation
Excellent ON-State Resistance Matching
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not liited to,
Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this componenet beyond specified
performance and environmental limits.
The TS5A3159-EP is a single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to
5.5 V. The device offers a low ON-state resistance and an excellent ON-state resistance matching with the
break-before-make feature to prevent signal distortion during the transferring of a signal from one channel to
another. The device has excellent total harmonic distortion (THD) performance and consumes very low power.
These features make this device suitable for portable audio applications.
Summary of Characteristics(1)
2:1 Multiplexer/
Configuration
Demultiplexer
(1
× SPDT)
Number of channels
1
ON-state resistance (ron)
1.1
ON-state resistance match (
∆r
on)
0.1
ON-state resistance flatness (ron(flat))
0.15
Turn-on/turn-off time (tON/tOFF)
20 ns/15 ns
Break-before-make time (tBBM)
12 ns
Charge injection (QC)
36 pC
Bandwidth (BW)
100 MHz
OFF isolation (OISO)
–65 dB at 1 MHz
Crosstalk (XTALK)
–66 dB at 1 MHz
Total harmonic distortion (THD)
0.01%
Leakage current (INO(OFF)/(INC(OFF))
±20 nA
Package option
6-pin DBV
(1)
V+ = 5 V and TA = 25°C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A3159-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-EP TI1-TS5A3159-EP Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
More results

Similar Description - TS5A3159-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1_15 Datasheet
923Kb / 25P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
TS5A3159-Q1 TI1-TS5A3159-Q1_14 Datasheet
961Kb / 26P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157 Datasheet
407Kb / 10P
   SPDT 1廓 Analog Switch
logo
Texas Instruments
TS5A3159 TI-TS5A3159_15 Datasheet
989Kb / 29P
[Old version datasheet]   TS5A3159 1-廓 SPDT Analog Switch
logo
Fairchild Semiconductor
FSA4157 FAIRCHILD-FSA4157_07 Datasheet
297Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
FSA4157A FAIRCHILD-FSA4157A_12 Datasheet
635Kb / 12P
   Low-Voltage, 1廓 SPDT Analog Switch
logo
SG Micro Corp
SGM4157YC SGMICRO-SGM4157YC Datasheet
436Kb / 10P
   SPDT 0.8廓 Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Alpha & Omega Semicondu...
AOZ6135 AOSMD-AOZ6135 Datasheet
454Kb / 11P
   High Performance, Low RON, 1廓 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com