Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8214 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPCS8214
Description  Lithium Ion Battery Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8214 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPCS8214 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8214 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8214 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8214 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8214 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8214 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8214 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCS8214
2007-01-16
4
10
12
0.8
1.0
4
5
3
Drain-source voltage VDS (V)
ID – VDS
Drain-source voltage VDS (V)
ID – VDS
Gate-source voltage VGS (V)
ID – VGS
Gate-source voltage VGS (V)
VDS – VGS
Drain current ID (A)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
0
Common source
Ta
= 25°C
Pulse test
0
2
4
6
0.1
0.3
0.5
3
6
ID = 1.5 A
12
0.4
0
Common source
Ta
= 25°C, Pulse test
VGS = 1.5 V
1.6
1.7
1.8
2
4.5
0
0.2
0.4
0.6
2
4
6
8
10
0
Common source
Ta
= 25°C
Pulse test
0
123
4
8
12
16
20
0
Common source
VDS = 10 V
Pulse test
0
1
2
2
4
8
10
12
Ta
= −55°C
100
25
1
Common source
VDS = 10 V
Pulse test
0.1
3
100
10
100
Ta
= −55°C
25
100
Common source
Ta
= 25°C
Pulse test
VGS = 2.5 V
3.1
4
1.9
2.5
3.1
4
4.5
2.5
3.1
4
2
1.9
1.8
1.7
1.6
VGS = 1.5 V
6
0.2
8
50
30
5
3
0.3 0.5
1
5
10
30 50
4.5
1
0.1
10
100
50
30
5
3
3
100
0.3 0.5
1
5
10
30 50


Similar Part No. - TPCS8214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8214 TOSHIBA-TPCS8214 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
More results

Similar Description - TPCS8214

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
TPCS8208 TOSHIBA-TPCS8208_07 Datasheet
193Kb / 7P
   Lithium Ion Battery Applications
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Toshiba Semiconductor
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com