Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCS8210 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCS8210
Description  Lithium Ion Battery Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8210 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCS8210 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8210 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8210 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8210 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8210 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8210 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8210 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8210
2007-01-16
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±10 V, VDS = 0 V
±10
μA
Drain cut-OFF current
IDSS
VDS = 20 V, VGS = 0 V
10
μA
V (BR) DSS
ID = 10 mA, VGS = 0 V
20
Drain-source breakdown voltage
V (BR) DSX
ID = 10 mA, VGS = −12 V
8
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 200 μA
0.5
1.2
V
VGS = 2.0 V, ID = 3.5 A
34
60
VGS = 2.5 V, ID = 3.5 A
26
40
Drain-source ON resistance
RDS (ON)
VGS = 4.0 V, ID = 4.0 A
19
30
m
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
4.6
9.2
S
Input capacitance
Ciss
1280
Reverse transfer capacitance
Crss
130
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
150
pF
Rise time
tr
4.5
Turn-ON time
ton
11
Fall time
tf
7.3
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 μs
33
ns
Total gate charge
(gate-source plus gate-drain)
Qg
15
Gate-source charge 1
Qgs1
3.3
Gate-drain (“miller”) charge
Qgd
VDD ∼− 16 V, VGS = 5 V, ID = 5 A
3.5
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
−1.2
V
VDD ∼− 10 V
0 V
VGS
5 V
ID = 2.5 A
VOUT


Similar Part No. - TPCS8210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210 Datasheet
426Kb / 7P
   SILICON N CHANNEL MOS TYPE LITHIUM BATTERY APPLICATIONS
More results

Similar Description - TPCS8210

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
   Lithium Ion Battery Applications
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
TPCS8208 TOSHIBA-TPCS8208_07 Datasheet
193Kb / 7P
   Lithium Ion Battery Applications
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Toshiba Semiconductor
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com