Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMD31010 Datasheet(PDF) 8 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD31010
Description  RBicLite Low-Cost Sensor Signal Conditioner
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD31010 Datasheet(HTML) 8 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD31010_07 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD31010_07 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
RBicLite™ Datasheet, Rev. 1.2, February 28, 2006
Page 8 of 38
© ZMD AG, 2006
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior
written consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD31010
RBicLite
TM Low-Cost Sensor Signal Conditioner
Datasheet
1.4.2
Output Buffer
A rail-to-rail op amp configured as a unity gain buffer can drive resistive loads (whether pull-up or pull-down)
as low as 2.5k
Ω and capacitances up to 15nF. In addition, to limit the error due to amplifier offset voltage, an
error compensation circuit is included which tracks and reduces offset voltage to < 1mV.
1.4.3
Voltage Reference Block
This block uses the absolute reference voltage provided by the bandgap to produce two regulated on-chip
voltage references. A 1V reference is used for the output DAC high reference when the part is configured in
0-1V analog output mode. For this reason, the 1V reference must be very accurate and includes trim so that
its value can be trimmed within +/- 2mV of 1.00V. The 1V reference is also used as the on-chip reference for
the JFET regulator block so the regulation set point of the JFET regulator can be fine tuned using the 1V trim.
1V Reference Trim (1V vs. Trim for Nominal Process Run):
1Vref_trim3
1Vref_trim2
1Vreft_trim1
1Vref_trim0
1Vref deltaV
5Vref deltaV
1
1
1
1
-0.0184
-0.0920
1
1
1
0
-0.0161
-0.0805
1
1
0
1
-0.0138
-0.0690
1
1
0
0
-0.0115
-0.0575
1
0
1
1
-0.0092
-0.0460
1
0
1
0
-0.0069
-0.0345
1
0
0
1
-0.0046
-0.0230
1
0
0
0
-0.0023
-0.0115
0
1
1
1
Nominal
Nominal
0
1
1
0
+0.0023
+0.0115
0
1
0
1
+0.0046
+0.0230
0
1
0
0
+0.0069
+0.0345
0
0
1
1
+0.0092
+0.0460
0
0
1
0
+0.0115
+0.0575
0
0
0
1
+0.0138
+0.0690
0
0
0
0
+0.0161
+0.0805
Sample: Programming “0000”
→ the trimmed voltage = nominal value + 0.0161V
1.5
Clock Generator / Power On Reset (CLKPOR)
If the power supply exceeds 2.5V (maximum), the reset signal de-asserts and the clock generator starts
working at a frequency of approximately 512kHz (±20%). The exact value only influences the conversion
cycle time and communication to the outside world but not the accuracy of signal processing. In addition, to
minimize the oscillator error as the VDD voltage changes, an on-chip regulator is used to supply the oscillator
block.


Similar Part No. - ZMD31010_07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
More results

Similar Description - ZMD31010_07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452 Datasheet
283Kb / 24P
   Low-Cost Precision Sensor Signal Conditioner
Rev 1; 6/01
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com