Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPCP8202 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPCP8202
Description  TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8202 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TPCP8202 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8202 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCP8202
2007-01-16
6
0.1
1
10
100
0.1
1
10
100
ID max (pulse)*
*: Single nonrepetitive pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.
10 ms*
1 ms*
VDSS max
Safe operating area
Drain
−source voltage VDS (V)
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
rth – tw
Pulse width tw (s)
Single pulse
(1)
(2)
(3)
(4)
Device mounted on a glass-epoxy board (a) (Note 2a)
(1) Single-device operation
(Note 3a)
(2) Single-device value at dual operation
(Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Single-device operation
(Note 3a)
(4) Single-device value at dual operation
(Note 3b)


Similar Part No. - TPCP8202

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8202 TOSHIBA-TPCP8202 Datasheet
251Kb / 7P
   Portable Equipment Applications Motor Drive Applications DC_DC Converters
TPCP8202 TOSHIBA-TPCP8202_1 Datasheet
251Kb / 7P
   Portable Equipment Applications Motor Drive Applications DC_DC Converters
More results

Similar Description - TPCP8202

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
2SK3565 TOSHIBA-2SK3565_V01 Datasheet
218Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
2SK3397 TOSHIBA-2SK3397 Datasheet
96Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
2SK3236 TOSHIBA-2SK3236 Datasheet
228Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS)
TPCS8201 TOSHIBA-TPCS8201 Datasheet
314Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS )
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
2SK3763 TOSHIBA-2SK3763 Datasheet
96Kb / 6P
   Field Effect Transistor Silicon N Channel MOS Type ( pi -MOSIV)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com