Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1VF448PZQ Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS470R1VF448PZQ
Description  16/32-BIT RISC FLASH MICROCONTROLLER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VF448PZQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS470R1VF448PZQ Datasheet HTML 5Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 6Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 7Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 8Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 9Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 10Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 11Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 12Page - Texas Instruments TMS470R1VF448PZQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
TMS470R1VF448
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS111A – OCTOBER 2005 – REVISED AUGUST 2006
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
† PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
TERMINAL
INPUT
VOLTAGE†‡
OUTPUT
CURRENT†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
PIN
NO.
MULTI-BUFFERED SERIAL PERIPHERAL INTERFACE (MIBSPI) (CONTINUED)
MIBSPISCS[0]
2
3.3-V
2mA
MibSPI slave chip select. Can be programmed as a GIO pin. If pins
MIBSPISCS[4:0] are not externally pulled up or down, they need
to be driven as output LOW for reduced power consumption in
low power mode.
MIBSPISCS[1]
91
MIBSPISCS[2]
97
MIBSPISCS[3]
98
MIBSPISCS[4]
99
MIBSPISCS[5]
100
MibSPI slave chip select. If pins MIBSPISCS[7:5] are not externally
pulled up or down, they need to be driven as output LOW for
reduced power consumption in low power mode.
MIBSPISCS[6]
19
MIBSPISCS[7]
20
ZERO-PIN PHASE-LOCKED LOOP (ZPLL)
OSCIN
8
1.8-V
Crystal connection pin or external clock input
OSCOUT
7
1.8-V O
External crystal connection pin
PLLDIS
51
3.3-V
IPD (100
μA)
Enable/disable the ZPLL. The ZPLL can be bypassed and the
oscillator becomes the system clock. If not in bypass mode, TI
recommends that this pin be connected to ground or pulled down to
ground by an external resistor.
SERIAL COMMUNICATIONS INTERFACE 1 (SCI1)
SCI1CLK
61
3.3-V
2mA
IPD (20
μA)
SCI1 clock. SCI1CLK can be programmed as a GIO pin.
SCI1RX
63
IPU (20
μA)
SCI1 data receive. SCI1RX can be programmed as a GIO pin.
SCI1TX
62
SCI1 data transmit. SCI1TX can be programmed as a GIO pin.
SERIAL COMMUNICATIONS INTERFACE 2 (SCI2)
SCI2RX
32
3.3-V
2mA
IPU (20
μA)
SCI2 data receive. SCI2RX can be programmed as a GIO pin.
SCI2TX
33
SCI2 data transmit. SCI2TX can be programmed as a GIO pin.
SYSTEM MODULE (SYS)
CLKOUT
58
3.3-V
8mA
IPD (20
μA)
Bidirectional pin. CLKOUT can be programmed as a GIO pin or the
output of SYSCLK, ICLK, or MCLK.
PORRST
21
3.3-V
IPD (20
μA)
Input master chip power-up reset. External VCC monitor circuitry must
assert a power-on reset.
RST
10
3.3-V
4mA
IPU (100
μA)
Bidirectional reset. The internal circuitry can assert a reset, and an
external system reset can assert a device reset.
On this pin, the output buffer is implemented as an open drain (drives
low only).
To ensure an external reset is not arbitrarily generated, TI
recommends that an external pullup resistor be connected to this pin.
WATCHDOG/REAL-TIME INTERRUPT (WD/RTI)
AWD
3.3-V
8mA
IPD (20
μA)
Analog watchdog reset. The AWD pin provides a system reset if
the WD KEY is not written in time by the system, providing an
external RC network circuit is connected. If the user is not using
AWD, For more details on the external RC network circuit, see the
TMS470R1x System Module Reference Guide (literature number
SPNU189).
The AWD signal is only connected to the pad and not to a package
pin.


Similar Part No. - TMS470R1VF448PZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF45AA TI1-TMS470R1VF45AA Datasheet
786Kb / 59P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF45AAPGEA TI1-TMS470R1VF45AAPGEA Datasheet
786Kb / 59P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF45AAPGEQ TI1-TMS470R1VF45AAPGEQ Datasheet
786Kb / 59P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF45AAPGET TI1-TMS470R1VF45AAPGET Datasheet
786Kb / 59P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1VF45ACPGEA TI1-TMS470R1VF45ACPGEA Datasheet
786Kb / 59P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results

Similar Description - TMS470R1VF448PZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com