Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QM30HC-2H Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # QM30HC-2H
Description  INDUCTION HEATER USE NON-INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30HC-2H Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  QM30HC-2H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30HC-2H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30HC-2H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30HC-2H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30HC-2H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
1
10
0
10
–3
10
–2
10
–1
10
0
10
2
10
1
10
0
10
–1
10
0
10
1
10
2
10
3
10
100
80
60
40
20
0
0
20
60
100 120
160
40
80
140
10
30
50
70
90
1
10
7
5
4
3
2
0
10
7
5
4
3
45 7
0
10
23 4 5 7
1
10
3
2
23
3
Tj=25°C
Tj=125°C
ts
tf
VCC=100V
IC=30A
IB1=2A
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2 TC=25°C
tw=100µs
500µs
1ms
DC
7
5
3
2
7
5
3
2
7
5
3
2
0.1
0.2
0.3
0.4
0.5
0
2
7
5
3
2
4
4
4
4
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
0.4
0.8
1.2
1.6
2.0
Tj=25°C
Tj=125°C
NON–REPETITIVE
COLLECTOR
DISSIPATION
SECOND
BREAKDOWN
AREA
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM30HC-2H
INDUCTION HEATER USE
NON-INSULATED TYPE


Similar Part No. - QM30HC-2H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM30HA-H MITSUBISHI-QM30HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30HA-HB MITSUBISHI-QM30HA-HB Datasheet
68Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30HQ-24 MITSUBISHI-QM30HQ-24 Datasheet
45Kb / 3P
   DRIVE USE FOR HIGH POWER TRANSISTOR INSULATED TYPE
QM30HY-2H MITSUBISHI-QM30HY-2H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM30HC-2H

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
CR08AS KEXIN-CR08AS Datasheet
1Mb / 6P
   Low Power Use Non-Insulated Type
logo
Mitsubishi Electric Sem...
TM60SA-6 MITSUBISHI-TM60SA-6 Datasheet
51Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
RM50HG-12S MITSUBISHI-RM50HG-12S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S_09 Datasheet
485Kb / 3P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
TM150SA-6 MITSUBISHI-TM150SA-6 Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
RM25HG-24S MITSUBISHI-RM25HG-24S Datasheet
25Kb / 2P
   HIGH SPEED SWITCHING USE NON-INSULATED TYPE
QM100HC-M MITSUBISHI-QM100HC-M Datasheet
69Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
TM90SA-6 MITSUBISHI-TM90SA-6 Datasheet
52Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
QM300HC-M MITSUBISHI-QM300HC-M Datasheet
64Kb / 5P
   HIGH POWER SWITCHING USE NON-INSULATED TYPE
QM5HG-24 MITSUBISHI-QM5HG-24 Datasheet
44Kb / 3P
   MEDIUM POWER SWITCHING USE NON-INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com