Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVCH245PWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALVCH245PWRG4
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH245PWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVCH245PWRG4 Datasheet HTML 1Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 2Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 3Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 4Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 5Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 6Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 7Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 8Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
SN74ALVCH245
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES119G – JULY 1997 – REVISED SEPTEMBER 2004
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
-4
VCC = 2.3 V
-12
IOH
High-level output current
mA
VCC = 2.7 V
-12
VCC = 3 V
-24
VCC = 1.65 V
4
VCC = 2.3 V
12
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
-40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application
report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3


Similar Part No. - SN74ALVCH245PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH245PW TI-SN74ALVCH245PW Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVCH245PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com