Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDD404SI-16 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDD404SI-16
Description  4 Amp Dual Low-Side Ultrafast MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD404SI-16 Datasheet(HTML) 1 Page - IXYS Corporation

  IXDD404SI-16 Datasheet HTML 1Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 2Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 3Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 4Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 5Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 6Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 7Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 8Page - IXYS Corporation IXDD404SI-16 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected up to 0.5A
• High Peak Output Current: 4A Peak
• Wide Operating Range: 4.5V to 35V
• Ability to Disable Output under Faults
• High Capacitive Load
Drive Capability: 1800pF in <15ns
• Matched Rise And Fall Times
• Low Propagation Delay Time
• Low Output Impedance
• Low Supply Current
• Two identical drivers in single chip
Applications
• Driving MOSFETs and IGBTs
• Limiting di/dt under Short Circuit
• Motor Controls
• LineDrivers
• Pulse Generators
• Local Power ON/OFF Switch
• Switch Mode Power Supplies (SMPS)
• DC to DC Converters
• PulseTransformerDriver
• Class D Switching Amplifiers
IXDD404
First Release
Copyright © IXYS CORPORATION 2004
General Description
The IXDD404 is comprised of two 4 Amp CMOS high speed
MOSFET drivers. Each output can source and sink 4 A of
peak current while producing voltage rise and fall times of less
than 15ns to drive the latest IXYS MOSFETS & IGBT's. The
input of the driver is compatible with TTL or CMOS and is fully
immune to latch up over the entire operating range. Designed
with small internal delays, cross conduction/current shoot-
through is virtually eliminated in the IXDD404. Improved speed
and drive capabilities are further enhanced by very low,
matched rise and fall times.
Additionally, each driver in the IXDD404 incorporates a unique
ability to disable the output under fault conditions. When a
logical low is forced into the Enable input of a driver, both of it's
final output stage MOSFETs (NMOS and PMOS) are turned
off. As a result, the respective output of the IXDD404 enters a
tristate mode and achieves a Soft Turn-Off of the MOSFET/
IGBT when a short circuit is detected. This helps prevent
damage that could occur to the MOSFET/IGBT if it were to be
switched off abruptly due to a dv/dt over-voltage transient.
The IXDD404 is available in the standard 8 pin P-DIP (PI),
SOIC-8 (SIA) and SOIC-16 (SIA-16) packages. For enhanced
thermal performance, the SO
IC-8 and SOIC-16 are also avail-
able with an exposed grounded metal back package as the SI
and SI-16 respectively.
Figure 1 - Functional Diagram
INB
ENA
ENB
OUTA
OUTB
200k
200k
GND
Vcc
4 Amp Dual Low-Side Ultrafast MOSFET Driver
Part Number
Package Type
Temp. Range
Configuration
IXDD404PI
8-Pin PDIP
IXDD404SI
8-Pin SOIC with Grounded Metal Back
IXDD404SIA
8-Pin SOIC
IXDD404SI-16
16-Pin SOIC with Grounded Metal Back
IXDD404SIA-16 16-Pin SOIC
-55°C to
+125°C
Dual Non
Inverting With
Enable
Ordering Information
NOTE: Mounting or solder tabs on all packages are connected to ground
DS99046B(08/04)


Similar Part No. - IXDD404SI-16

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD404SI-16 IXYS-IXDD404SI-16 Datasheet
666Kb / 10P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
More results

Similar Description - IXDD404SI-16

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD404 IXYS-IXDD404 Datasheet
666Kb / 10P
   4 Amp Dual Low-Side Ultrafast MOSFET Driver
IXDD414SI IXYS-IXDD414SI Datasheet
352Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD414PI IXYS-IXDD414PI Datasheet
243Kb / 10P
   14 Amp Low-Side Ultrafast MOSFET Driver
IXDD408 IXYS-IXDD408 Datasheet
276Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDD409PI IXYS-IXDD409PI Datasheet
259Kb / 10P
   9 Amp Low-Side Ultrafast MOSFET Driver
IXDD408PI IXYS-IXDD408PI Datasheet
271Kb / 10P
   8 Amp Low-Side Ultrafast MOSFET Driver
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDN430 IXYS-IXDN430 Datasheet
781Kb / 12P
   30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
IXDD415 IXYS-IXDD415 Datasheet
161Kb / 8P
   Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
logo
Clare, Inc.
IXD_604 CLARE-IXD_604 Datasheet
1Mb / 13P
   4-Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com