Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD49300PT08R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LD49300PT08R
Description  3A Very low drop for low output voltage regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD49300PT08R Datasheet(HTML) 4 Page - STMicroelectronics

  LD49300PT08R Datasheet HTML 1Page - STMicroelectronics LD49300PT08R Datasheet HTML 2Page - STMicroelectronics LD49300PT08R Datasheet HTML 3Page - STMicroelectronics LD49300PT08R Datasheet HTML 4Page - STMicroelectronics LD49300PT08R Datasheet HTML 5Page - STMicroelectronics LD49300PT08R Datasheet HTML 6Page - STMicroelectronics LD49300PT08R Datasheet HTML 7Page - STMicroelectronics LD49300PT08R Datasheet HTML 8Page - STMicroelectronics LD49300PT08R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Alternative application circuits
LD49300
4/20
2
Alternative application circuits
Figure 3.
Single supply voltage solution
Figure 4.
LD49300 plus DC/DC pre-regulator to reduce power dissipation


Similar Part No. - LD49300PT08R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD49300PT08R STMICROELECTRONICS-LD49300PT08R Datasheet
678Kb / 20P
   3 A very low drop-out voltage regulator
More results

Similar Description - LD49300PT08R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD49150 STMICROELECTRONICS-LD49150 Datasheet
609Kb / 20P
   1.5A Very low drop for low output voltage regulator
LD49150XX08 STMICROELECTRONICS-LD49150XX08 Datasheet
710Kb / 22P
   1.5 A very low drop for low output voltage regulator
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
logo
Unisonic Technologies
378RXX UTC-378RXX Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
   VERY LOW DROP DUAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com