Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF5027C7-4 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # WF5027C7-4
Description  Crystal Oscillator Module ICs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5027C7-4 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  WF5027C7-4 Datasheet HTML 1Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 2Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 3Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —2
SERIES CONFIGURATION
For Fundamental Oscillator
For 3rd Overtone Oscillator
VERSION NAME
Operating
supply
voltage range
[V]
Output drive
capability
[mA]
PAD layout
Recommended
oscillation
frequency range*1
[MHz]
*1. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tion frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
Version*2
*2. Wafer form devices have designation WF5027
×× and chip form devices have designation CF5027××.
fO
output
fO/2
output
fO/4
output
fO/8
output
fO/16
output
fO/32
output
fO/64
output
1.60 to 3.63
± 4
Flip Chip
Bonding
20 to 60
5027A1
5027A2
5027A3
5027A4
5027A5
5027A6
5027A7
60 to 100
5027AP
5027AQ
5027AR
5027AS
5027AT
5027AV
5027AW
Wire Bonding
Type I
20 to 60
5027B1
5027B2
5027B3
5027B4
5027B5
5027B6
5027B7
60 to 100
5027BP
5027BQ
5027BR
5027BS
5027BT
5027BV
5027BW
Wire Bonding
Type II
20 to 60
5027C1
5027C2
5027C3
5027C4
5027C5
5027C6
5027C7
60 to 100
5027CP
5027CQ
5027CR
5027CS
5027CT
5027CV
5027CW
Operating
supply
voltage range
[V]
Output drive
capability
[mA]
PAD layout
Recommended oscillation frequency range*1 [MHz] and version*2
*1. The recommended oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscilla-
tion frequency range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the
oscillation characteristics of components must be carefully evaluated.
*2. Wafer form devices have designation WF5027
×× and chip form devices have designation CF5027××.
Versions in parentheses ( ) are under development.
40 to 50
50 to 65
65 to 85
85 to 110
110 to 145
145 to 180
1.60 to 3.63
± 8
Flip Chip Bonding
5027MA
5027MB
5027MC
5027MD
(5027QE)
(5027QF)
Wire Bonding Type I
5027NA
5027NB
5027NC
5027ND
(5027RE)
(5027RF)
Wire Bonding Type II
5027PA
5027PB
5027PC
5027PD
(5027SE)
(5027SF)
Device
Package
Version name
WF5027
××–4
Wafer form
CF5027
××–4
Chip form
WF5027
−4
Oscillation frequency range, frequency divider function
Pad layout type
Form
A, M, Q: for Flip Chip Bonding
B, N, R: for Wire Bonding (type I)
C, P, S: for Wire Bonding (type II)
WF: Wafer form
CF: Chip (Die) form


Similar Part No. - WF5027C7-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5025 NPC-WF5025 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL1 NPC-WF5025AL1 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL2 NPC-WF5025AL2 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL3 NPC-WF5025AL3 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL4 NPC-WF5025AL4 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
More results

Similar Description - WF5027C7-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com