Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61170DRV Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61170DRV
Description  1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61170DRV Datasheet(HTML) 5 Page - Texas Instruments

  TPS61170DRV Datasheet HTML 1Page - Texas Instruments TPS61170DRV Datasheet HTML 2Page - Texas Instruments TPS61170DRV Datasheet HTML 3Page - Texas Instruments TPS61170DRV Datasheet HTML 4Page - Texas Instruments TPS61170DRV Datasheet HTML 5Page - Texas Instruments TPS61170DRV Datasheet HTML 6Page - Texas Instruments TPS61170DRV Datasheet HTML 7Page - Texas Instruments TPS61170DRV Datasheet HTML 8Page - Texas Instruments TPS61170DRV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
SW
Ramp
Generator
Oscillator
Current
Sensor
CTRL
GND
C3
L1
+
FB
BandGap
D1
Error
Amplifer
2
1
R2
C2
Vin
C1
PWMControl
4
6
Soft
Start-up
5
3
COMP
R1
R3
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TPS61170
SLVS789 – NOVEMBER 2007
Circuit of Figure 1, L = TOKO A915_Y-100M, D1 = ONsemi MBR0540T1, unless otherwise noted.
FIGURE
Efficiency
VIN = 5V; VOUT = 12V,18V,24V,30V;
Figure 2
Efficiency
VIN = 5V, 8.5V, 12V; VOUT = 24V;
Figure 3
Output voltage accuracy
ILOAD= 100 mA
Figure 4
Switch current limit
TA = 25°C
Figure 5
Switch current limit
Figure 6
Error amplifier transconductance
Figure 7
Easyscale step
Figure 8
PWM switching operation
VIN = 5V; VOUT = 12V; ILOAD= 250mA;
Figure 9
Load transient response
VIN = 5V; VOUT = 12V; ILOAD= 50mA to 150mA;
Figure 10
Start-up
VIN = 5V; VOUT = 12V; ILOAD= 250mA;
Figure 11
Skip-cycle switching
VIN = 9V ; VOUT = 12V, ILOAD= 100µA ;
Figure 12
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61170


Similar Part No. - TPS61170DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170DRVR TI-TPS61170DRVR Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170DRVRG4 TI-TPS61170DRVRG4 Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170DRVT TI-TPS61170DRVT Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170DRVTG4 TI-TPS61170DRVTG4 Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
More results

Similar Description - TPS61170DRV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61170 TI-TPS61170_08 Datasheet
952Kb / 27P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170-Q1 TI1-TPS61170-Q1 Datasheet
872Kb / 28P
[Old version datasheet]   1.2A High Voltage Boost Converter in 2x2mm2 QFN Package
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
   1MHz/1.2A Synchronous Boost Converter
logo
Texas Instruments
TPS62080 TI1-TPS62080 Datasheet
877Kb / 26P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
TLV62080 TI1-TLV62080 Datasheet
786Kb / 22P
[Old version datasheet]   1.2A High Efficient Step Down Converter in 2x2mm SON Package
logo
Monolithic Power System...
MP3428 MPS-MP3428 Datasheet
930Kb / 20P
   17A, 600kHz, 20V Wide Input Range, Synchronous Boost Converter in a small 3x4mm QFN Package
MP3427 MPS-MP3427 Datasheet
905Kb / 20P
   17A, 600kHz, 8V Wide Input Range Synchronous Boost Converter in a small 3x4mm QFN Package
logo
Texas Instruments
TPS61046 TI-TPS61046_15 Datasheet
923Kb / 25P
[Old version datasheet]   TPS61046 28-V Output Voltage Boost Converter in WCSP Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
   1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com