Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2620 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV2620
Description  FAMILY OF LOW-POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2620 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2620_07 Datasheet HTML 2Page - Texas Instruments TLV2620_07 Datasheet HTML 3Page - Texas Instruments TLV2620_07 Datasheet HTML 4Page - Texas Instruments TLV2620_07 Datasheet HTML 5Page - Texas Instruments TLV2620_07 Datasheet HTML 6Page - Texas Instruments TLV2620_07 Datasheet HTML 7Page - Texas Instruments TLV2620_07 Datasheet HTML 8Page - Texas Instruments TLV2620_07 Datasheet HTML 9Page - Texas Instruments TLV2620_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TLV2620, TLV2621
TLV2622, TLV2623
TLV2624, TLV2625
SLOS251D – DECEMBER 2000 – REVISED JANUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
at specified free-air temperature, V
DD = 2.7 V, 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
POWER SUPPLY
25
°C
800
1000
IDD
Supply current (per channel)
VO = VDD/2,
SHDN = VDD
µA
Full range
1300
25
°C
80
98
VDD = 2.7 V to 3.3 V,
VIC = VDD/2
Full range
75
Supply voltage rejection ratio
PSRR
No load
dB
(
∆V
DD/∆VIO)
25
°C
75
90
VDD = 2.7 V to 5 V,
VIC = VDD/2
Full range
70
DYNAMIC PERFORMANCE
UGBW
Unity gain bandwidth
RL = 2 kΩ, CL = 10 pF
25
°C
11
MHz
25
°C
3.5
4.5
VDD = 2.7 V,
VO(PP) = 1.7 V
Full range
2.7
SR+
Positive slew rate at unity gain
RL = 2 kΩ, CL = 50 pF
V/µs
25
°C
5.4
7
VDD = 5 V,
VO(PP) = 3.5 V
Full range
3.4
25
°C
2.7
5
VDD = 2.7 V,
VO(PP) = 1.7 V
Full range
2.3
SR-
Negative slew rate at unity gain RL = 2 kΩ, CL = 50 pF
V/µs
25
°C
4.5
6
VDD = 5 V,
VO(PP) = 3.5 V
Full range
3.2
φ
m
Phase margin
63
°
RL = 2 kΩ, CL = 10 pF
25
°C
Gain margin
8
dB
NOISE/DISTORTION PERFORMANCE
AV = 1
0.002%
Total harmonic distortion plus
VO(PP) = VDD/2,
THD + N
AV = 10
0.019%
noise
RL = 2 kΩ, f = 10 kHz
AV = 100
0.095%
25
°C
f = 1 kHz
53
Vn
Equivalent input noise voltage
nV/
√Hz
f = 10 kHz
27
In
Equivalent input noise current
f = 1 kHz
0.9
fA/
√Hz
SHUTDOWN CHARACTERISTICS
Supply current, per channel in
25
°C
4
11
IDD(SHDN) shutdown mode (TLV2620,
SHDN = 0.4 V
µA
Full range
13
TLV2623, TLV2625)
VDD = 2.7 V
4.5
t(on)
Amplifier turnon time(2)
RL = 2 kΩ
µs
VDD = 5 V
25
°C
1.5
t(off)
Amplifier turnoff time(2)
RL = 2 kΩ
200
ns
(2)
Disable time and enable time are defined as the interval between application of the logic signal to SHDN and the point at which the
supply current has reached half its final value.
6


Similar Part No. - TLV2620_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620ID TI-TLV2620ID Datasheet
806Kb / 23P
[Old version datasheet]   FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBV TI-TLV2620IDBV Datasheet
806Kb / 23P
[Old version datasheet]   FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVR TI-TLV2620IDBVR Datasheet
806Kb / 23P
[Old version datasheet]   FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDBVT TI-TLV2620IDBVT Datasheet
806Kb / 23P
[Old version datasheet]   FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2620IDR TI-TLV2620IDR Datasheet
806Kb / 23P
[Old version datasheet]   FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2620_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2620 TI-TLV2620 Datasheet
806Kb / 23P
[Old version datasheet]   FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2632 TI-TLV2632 Datasheet
794Kb / 24P
[Old version datasheet]   FAMILY OF LOW POWER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH AND WITHOUT SHUTDOWN
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI1-TLC070_16 Datasheet
1Mb / 54P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com