Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA7455LT Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMA7455LT Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Sensors
2
Freescale Semiconductor
MMA7455L
Figure 2. Simplified Accelerometer Functional Block Diagram
PIN DESCRIPTIONS
Pin #
Pin Name
Description
Pin Status
1
DVDD_IO
Digital Power for I/O pads
Input
2
GND
Ground
Input
3
N/C
No Connection or Connect to Ground
Input
4
IADDR0
I2C Address Bit 0
Input
5
GND
Ground (optional)
Input
6
AVDD
Analog Power
Input
7CS
SPI Enable (0), I2C Enable (1)
Input
8INT1/
DRDY
Interrupt 1/ Data Ready
Output
9
INT2
Interrupt 2
Output
10
N/C
Rev 1: No Connection or Ground
Input
11
Reserved
Ground
Input
12
SDO
SPI Serial Data Output
Output
13
SD(A/I/O)
I2C Serial Data (SDA), SPI Serial Data Input (SDI), 3-wire interface Serial
Data Output (SDO)
Open Drain/Input/
Output
14
SCL/SPC
I2C Serial Clock (SCL), SPI Serial Clock (SPC)
Input


Similar Part No. - MMA7455LT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7455LT FREESCALE-MMA7455LT Datasheet
504Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455LT FREESCALE-MMA7455LT Datasheet
516Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455LT FREESCALE-MMA7455LT Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455LT NXP-MMA7455LT Datasheet
653Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
More results

Similar Description - MMA7455LT

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
D3172MMA7361LC FREESCALE-D3172MMA7361LC Datasheet
463Kb / 35P
   Three Axis Low-g Digital Output Accelerometer
MMA7450L FREESCALE-MMA7450L Datasheet
394Kb / 22P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_08 Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_09 Datasheet
516Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
MMA7456L NXP-MMA7456L Datasheet
693Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 4, 04/2009
logo
Freescale Semiconductor...
MMA7456L FREESCALE-MMA7456L Datasheet
519Kb / 36P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_09 Datasheet
564Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_08 Datasheet
504Kb / 35P
   짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com