Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW7IC2240NBR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MW7IC2240NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW7IC2240NBR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MW7IC2240NBR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW7IC2240NBR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MW7IC2240NR1 MW7IC2240GNR1 MW7IC2240NBR1
1
RF Device Data
Freescale Semiconductor
RF LDMOS Wideband Integrated
Power Amplifiers
The MW7IC2240N wideband integrated circuit is designed with on -chip
matching that makes it usable from 2000 to 2200 MHz. This multi -stage
structure is rated for 24 to 32 Volt operation and covers all typical cellular base
station modulation formats including TD-SCDMA.
Typical Performance
• Typical Single-Carrier W-CDMA Performance: VDD = 28 Volts,
IDQ1 = 90 mA, IDQ2 = 420 mA, Pout = 4 Watts Avg., Full Frequency Band
(2110-2170 MHz), Channel Bandwidth = 3.84 MHz. PAR = 7.5 dB @
0.01% Probability on CCDF.
Power Gain — 30 dB
Power Added Efficiency — 14%
ACPR @ 5 MHz Offset — -50 dBc in 3.84 MHz Bandwidth
• Capable of Handling 5:1 VSWR, @ 28 Vdc, 2140 MHz, 40 Watts CW
Output Power
• Pout @ 1 dB Compression Point = 40 Watts CW
• Stable into a 5:1 VSWR. All Spurs Below -60 dBc @ 100 mW to 10 Watts
CW Pout.
Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
and Common Source Scattering Parameters
• On-Chip Matching (50 Ohm Input, DC Blocked, >3 Ohm Output)
• Integrated Quiescent Current Temperature Compensation with Enable/
Disable Function (1)
• Integrated ESD Protection
• 225°C Capable Plastic Package
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 44 mm, 13 inch Reel.
Figure 1. Functional Block Diagram
Quiescent Current
Temperature Compensation (1)
VDS1
RFin
VGS1
RFout/VDS2
VGS2
VDS1
(Top View)
GND
NC
RFin
VGS1
GND
VDS1
RFout/VDS2
GND
VGS2
VDS1
GND
2
3
4
5
6
7
8
16
15
14
13
12
9
10
11
1
NC
NC
NC
NC
NC
Figure 2. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistors.
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1977 or AN1987.
Document Number: MW7IC2240N
Rev. 0, 11/2007
Freescale Semiconductor
Technical Data
MW7IC2240NR1
MW7IC2240GNR1
MW7IC2240NBR1
2110-2170 MHz, 4 W Avg., 28 V
SINGLE W-CDMA
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIERS
CASE 1886-01
TO-270 WB-16
PLASTIC
MW7IC2240NR1
CASE 1887-01
TO-270 WB-16 GULL
PLASTIC
MW7IC2240GNR1
CASE 1329-09
TO-272 WB-16
PLASTIC
MW7IC2240NBR1
© Freescale Semiconductor, Inc., 2007. All rights reserved.


Similar Part No. - MW7IC2240NBR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW7IC2220GNR1 FREESCALE-MW7IC2220GNR1 Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2220GNR1 FREESCALE-MW7IC2220GNR1 Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW7IC2220GNR1 NXP-MW7IC2220GNR1 Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 5/2011
MW7IC2220N NXP-MW7IC2220N Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 5/2011
logo
Freescale Semiconductor...
MW7IC2220NBR1 FREESCALE-MW7IC2220NBR1 Datasheet
1Mb / 27P
   RF LDMOS Wideband Integrated Power Amplifiers
More results

Similar Description - MW7IC2240NBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com