Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8133BW Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8133BW
Description  White LED Driver IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8133BW Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8133BW Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8133BW Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SM8133B
SEIKO NPC CORPORATION —6
Electrical Characteristics
DC Characteristics
GND = PGND = 0V, VIN = 3.6V, Ta = 25°C unless otherwise noted.
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Standby current
VIN
ISTB
Standby mode
0.01
1.00
µA
Quiescent current
VIN
IDD1
LDO-only operating, no load
0.3
0.7
mA
IDD2
×1.0 mode, no load
0.5
1.0
mA
IDD3
×1.5 mode, no load
2.5
4.0
mA
Maximum output voltage
VOUT
VOUT
×1.5 mode VOUT maximum voltage
4.8
5.0
5.2
V
Maximum output current
VOUT
IOUT
×1.5 mode
200
mA
Operating frequency
C1M
fOSC
×1.5 mode switching frequency
650
750
850
kHz
Internal circuit power-ON
reset time*1
*1. Design guaranteed value
VIN
TPOR
Time from when power is applied until
internal circuit reset
0.02
0.10
ms
Soft start time
DIN1 to 7
TSS
Time between EN signal falling edge
and LED turning ON
1.3
3.0
ms
LED drive pin leakage current
DIN1 to 7
ILEAK1 to 7 Standby mode, VDIN1 to 7 = 5.0V
0.01
1.00
µA
LED drive current matching
DIN1 to 6
∆ILED
×1.0 mode, matching between channels
with ILED1 to 6 maximum setting
–3.0
+3.0
%
LED maximum drive current 1
DIN1 to 6
ILED1 to 6
×1.0 mode, ILED1 to 6 maximum setting
27.0
30.0
33.0
mA
LED drive pin voltage 1
DIN1 to 6
VDIN1 to 6
ILED1 to 6 maximum setting
80
120
150
mV
LED maximum drive current 2
DIN7
ILED7
×1.5 mode, ILED7 maximum setting
142.5
150.0
157.5
mA
LED drive pin voltage 2
DIN7
VDIN7
IDIN7 maximum setting
225
300
375
mV
LDO output voltage
LDOUT
VLDO
VIN = 3.6V, ILDO = 100mA
2.94
3.00
3.06
V
LDO maximum output current
LDOUT
ILDO
VIN = 3.0V, VLDO = 2.85V
100
mA
LDO input stability
LDOUT
∆VOUT1
3.3V
≤ VIN ≤ 4.6V, ILDO = 30mA
1.0
%/V
LDO load stability
LDOUT
∆VOUT2
VIN = 3.6V, 10µA ≤ ILDO ≤ 80mA
100
mV
LDO overcurrent protection
circuit operating current
LDOUT
IOS
VIN = 3.6V
120
230
360
mA
Thermal protection circuit
operating temperature*1
–TSD
Not in test mode
180
°C
Thermal protection circuit
hysteresis*1
–TSDHYS
Not in test mode
20
°C
Logic-level input voltage
EN, SCK,
SDA,
RESETB
VIH
HIGH-level input voltage range
1.8
V
VIL
LOW-level input voltage range
0.6
V
VIHYS
Hysteresis voltage width
0.3
0.5
V
Logic-level input current
EN, SCK,
SDA,
RESETB
IIL
EN = SCK = SDA = RESETB = VIN
1.0
µA
IIH
EN = SCK = SDA = RESETB = GND
–1.0
µA


Similar Part No. - SM8133BW

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8133BW NPC-SM8133BW Datasheet
166Kb / 20P
   White LED Driver IC
More results

Similar Description - SM8133BW

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com