Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5921AF Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5921AF
Description  8-channel Lip Sync Delay
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5921AF Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5921AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5921AF Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SM5921A
SEIKO NPC CORPORATION —10
FUNCTIONAL DESCRIPTION
Delay Settings
The SM5921A sets the delay value set using an MCU interface and adds that delay to the input data. The total
delay value for each channel data is given by the following equation.
nSample-system:
Number of system delay samples (fixed 2 samples)
nSample-intrinsic:
Number of intrinsic delay samples (16-sample units)
nSample-individual:
Number of individual delay samples (1-sample units)
nMp:
Address shift coefficient
fs:
Sampling frequency
Note that even when the intrinsic delay and individual delay are both set to 0 samples, a 2-sample delay is
applied.
Address shift coefficient
The address shift coefficient is determined by the settings of the MP0N and MP1N flags. These enable the time
delay to be multiplied by
×1, ×2, or ×4 without changing the delay value setting. For example, if the sampling
frequency fs is switched from 48kHz to 192kHz and the address shift is set to
×4, then the same delay time is
added.
I
Data setting values cannot exceed the upper limit.
I
Calculation examples
• If fs = 48kHz, REG 0/H = 200/H, REG 2/H = 800/H, nMp = 1, then the delay value is:
tDelay = (nSample-system + (nSample-intrinsic + nSample-individual) × nMp) ÷ fs [sec]
= (2 + (8192 + 2048)
× 1) ÷ 48000 = 213.3ms
• If fs = 192kHz, REG 0/H = 200/H, REG 2/H = 800/H, nMp = 1, then the delay value is:
tDelay = (nSample-system + (nSample-intrinsic + nSample-individual) × nMp) ÷ fs [sec]
= (2 + (8192 + 2048)
× 1) ÷ 192000 = 53.3ms
• If fs = 192kHz, REG 0/H = 200/H, REG 2/H = 800/H, nMp = 2, then the delay value is:
tDelay = (nSample-system + (nSample-intrinsic + nSample-individual) × nMp) ÷ fs [sec]
= (2 + (8192 + 2048)
× 2) ÷ 192000 = 106.6ms
• If fs = 192kHz, REG 0/H = 200/H, REG 2/H = 800/H, nMp = 4, then the delay value is:
tDelay = (nSample-system + (nSample-intrinsic + nSample-individual) × nMp) ÷ fs [sec]
= (2 + (8192 + 2048)
× 4) ÷ 192000 = 213.3ms
From the examples, it can be seen that switching the sampling frequency from 48kHz to 192kHz and changing
nMp from 1 to 4 results in an identical time delay. Note, however, that the memory size physical limit cannot
be exceeded. So, for example, the physical limit is reached with a sum (nSample-intrinsic + nSample-individ-
ual) of 16384 samples when nMp = 4, or the equivalent of 65535 samples at nMp = 1.
MP0N
MP1N
nMp
LOW
LOW
1
LOW
HIGH
2
HIGH
LOW
4
HIGH
HIGH
1
t
Delay
sec
()
nSample-system
nSample-intrinsic
nSample-individual
+
() nMp
×
+
()
fs
-------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=


Similar Part No. - SM5921AF

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
   Wireless Power Receiver
July 2021 Rev. 0.0.7
logo
SyncMOS Technologies,In...
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264C25 SYNCMOS-SM59264C25 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM59264C40 SYNCMOS-SM59264C40 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
More results

Similar Description - SM5921AF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
   Digital Delay IC for Lip Sync
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
[Old version datasheet]   FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
[Old version datasheet]   STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
   CMOS IC Lip-Sync Enabling Audio DSP
logo
White Electronic Design...
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
logo
Data Delay Devices, Inc...
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com