Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF5015 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5015
Description  2.5V Operation Fundamental Frequency Crystal Oscillator Module ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5015 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5015 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5015 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CF5015 series
SEIKO NPC CORPORATION —5
3V operation (CF5015BL
×)
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
5V operation (CF5015BL
×)
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.7V, IOH = 4mA
2.1
2.4
V
LOW-level output voltage
VOL
Q: Measurement cct 1, VDD = 2.7V, IOL = 4mA
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
10
µA
VOL = VSS
10
µA
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF, f = 60MHz
CF5015BL1
5.5
11
mA
CF5015BL2
3
6
mA
CF5015BL3
2
4
mA
CF5015BL4
1.5
3
mA
CF5015BL5
1
2
mA
Standby current
IST
Measurement cct 3, INHN = LOW
5
µA
INHN pull-up resistance
RUP1
Measurement cct 4
1
4
10
M
RUP2
20
100
200
k
Feedback resistance
Rf
Measurement cct 5
100
300
600
k
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
3.4
4
4.6
pF
CD
6.8
8
9.2
pF
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 8mA
3.9
4.2
V
LOW-level output voltage
VOL
Q: Measurement cct 1, VDD = 4.5V, IOL = 8mA
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
10
µA
VOL = VSS
10
µA
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 30pF, f = 60MHz
CF5015BL1
15
30
mA
CF5015BL2
9.5
19
mA
CF5015BL3
6.5
13
mA
CF5015BL4
5
10
mA
CF5015BL5
4
8
mA
Standby current
IST
Measurement cct 3, INHN = LOW
10
µA
INHN pull-up resistance
RUP1
Measurement cct 4
0.5
2
8
M
RUP2
10
50
150
k
Feedback resistance
Rf
Measurement cct 5
100
300
600
k
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
3.4
4
4.6
pF
CD
6.8
8
9.2
pF


Similar Part No. - CF5015

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CF50103GTR MERITEK-CF50103GTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103JTR MERITEK-CF50103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
CF50103KTR MERITEK-CF50103KTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
Nippon Precision Circui...
CF5010AH1 NPC-CF5010AH1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
CF5010AH1-1 NPC-CF5010AH1-1 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5015

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5016 NPC-CF5016 Datasheet
87Kb / 8P
   1.8V Operation Fundamental Frequency Crystal Oscillator Module ICs
WF5028 NPC-WF5028 Datasheet
247Kb / 13P
   0.8V operation Crystal Oscillator Module ICs
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5005B NPC-CF5005B Datasheet
78Kb / 7P
   High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
   1.5V Operation Fundamental Quartz Crystal Oscillator
logo
Nippon Precision Circui...
CF5035 NPC-CF5035 Datasheet
81Kb / 8P
   1.8V, High-frequency Crystal Oscillator Module ICs
logo
New Japan Radio
NJU6315 NJRC-NJU6315 Datasheet
103Kb / 4P
   0.9V Operation Fundamental Quartz Crystal Oscillator IC
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com