Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF1156 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF1156
Description  Melody LSIs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1156 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF1156_06 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1156_06 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1156_06 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1156_06 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1156_06 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1156_06 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1156_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF1156_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CF1156 series
SEIKO NPC CORPORATION —2
PAD LAYOUT and COORDINATES
(Unit:
µm)
PAD DESCRIPTION
Chip size: 1.23
× 1.23mm
Chip thickness: 300 ± 30µm
T1, T2, TC, and TO bonding is not required.
VDD
(0,0)
(1230,1230)
1
2
3
4
5
6
78
9
10
11
LO
BO
TC
T2
T1
VSS TO OSH
LH
VSS
Number
Pad
Pad dimensions (Unit:
µm)
XY
1
BO
930
1075
2
LO
529
1075
3
VDD
155
1075
4
TC
155
887
5
T2
155
608
6
T1
155
420
7
VSS
223
155
8
TO
486
155
9
OSH
750
155
10
LH
1041
155
11
VSS
1075
420
Name
Function
OSH, LH
Melody mode control inputs. Built-in pull-down resistors mean LOW-level signals are obtained when inputs are open circuit. The
resistance of the pull-down resistor varies with the applied voltage, as described in the Electrical Characteristics.
LO
LED drive output, HIGH level during non-play mode.
BO
Piezoelectric speaker driver output. LOW level output during non-play mode and during musical rest notes. HIGH level output
during gaps between melody notes.
VDD
Supply. The rear surface of the chip is VDD level.
VSS
Ground
T1, T2, TC
Test inputs. Pull-down resistor built-in.
TO
Test output. The oscillator frequency (typ. 50kHz) is output for monitoring purposes.


Similar Part No. - CF1156_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
More results

Similar Description - CF1156_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
   Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
Panasonic Semiconductor
MN1380 PANASONIC-MN1380 Datasheet
157Kb / 20P
   CMOS LSIs for Voltage Detection
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com