Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1231ST8RX390 Datasheet(PDF) 9 Page - YOBON TECHNOLOGIES,INC.

Part # YB1231ST8RX390
Description  Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1231ST8RX390 Datasheet(HTML) 9 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1231ST8RX390 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX390 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
YB1231 – HV600mA
Low-Noise LDO Regulator
YB1231 MRev. 1.4
www.yobon.com.tw
9
SOT-23 Package Information
NOTE:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSION OR GATE BURRS SHALL NOT
EXCEED 0.25mm PER END.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD
FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 PER SIDE.
3. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE
BOTTOM.
DIMENSIONS D AND E1 ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE
PLASTIC BODY EXCLUSIVE OF MOLD FLASH, THE BAR BURRS. GATE BURRS AND
INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETEEN THE TOP AND BOTTOM OF
THE PLASTIC BODY..
4. DIMENSION“b”DOES NOT INCLUDE DAMBAR PROTRUSION.
ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08mm
TOTAL IN EXCESS OF THE “b”DIMENSION AT MAXIMUM
MATERIAL CONDITION. THE DAMBAR CANNOT BE LOCATED
ON THE LOWER RADIUS OF THE FOOT . MINMUM SPACE BETWEEN
PROTRUSION AND AN ADJACENT LEAD SHALL NOT BE LESS
THAN 0.07mm
5. LEAD FRAME MATERIAL:EFTEC 64T


Similar Part No. - YB1231ST8RX390

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231ST89X320 YOBON-YB1231ST89X320 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X330 YOBON-YB1231ST89X330 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X340 YOBON-YB1231ST89X340 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X350 YOBON-YB1231ST89X350 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X360 YOBON-YB1231ST89X360 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
More results

Similar Description - YB1231ST8RX390

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com