Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP698SQ28T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP698SQ28T1G
Description  150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP698SQ28T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP698SQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 8Page - ON Semiconductor NCP698SQ28T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 0
1
Publication Order Number:
NCP698/D
NCP698
150 mA CMOS Ultra Low Iq
and IGND LDO Regulator
with Enable
This series of fixed output low-dropout linear regulators are
designed for handheld communication equipment and portable battery
powered applications which require low quiescent and ground current.
This series features an ultra-low quiescent current of 2.5
mA. Each
device contains a voltage reference unit, an error amplifier, a PMOS
power transistor, resistors for setting output voltage, current limit, and
temperature limit protection circuits. The NCP698 series provides an
enable pin for ON/OFF control.
The NCP698 has been designed to be used with low cost ceramic
capacitors and requires a minimum output capacitor of 0.1
mF. The
device is housed in the micro-miniature SC82-AB surface mount
package. Standard voltage versions are 1.3, 1.5, 1.8, 2.5, 2.8, 3.0, 3.3,
3.5 and 5.0 V. Other voltages are available in 100 mV steps.
Features
Ultra Low Quiescent Current of 2.5 mA Typical
Output Voltage Accuracy of 2.0%
Operating Temperature Range of -40°C to 85°C
Enable Function
This is a Pb-Free Device
Typical Applications
Battery Powered Instruments
Hand-Held Instruments
Camcorders and Cameras
Figure 1. Typical Application Diagram
This device contains 28 active transistors
Output
C2
+
Input
GND Enable
Vin
Vout
+
C1
OFF
ON
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
SC82-AB (SC70-4)
SQ SUFFIX
CASE 419C
1
4
PIN CONNECTIONS &
MARKING DIAGRAMS
GND
Top View)
1
2
4
3
Vin
Enable
Vout
http://onsemi.com
xxx
= Specific Device Code
M
= Month Code*
G
= Pb-Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position and
underbar may vary depending upon manu‐
facturing location.


Similar Part No. - NCP698SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698SQ28T1G ONSEMI-NCP698SQ28T1G Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
More results

Similar Description - NCP698SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com