Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1220ST26MB Datasheet(PDF) 7 Page - YOBON TECHNOLOGIES,INC.

Part # YB1220ST26MB
Description  Dual Channel 200mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1220ST26MB Datasheet(HTML) 7 Page - YOBON TECHNOLOGIES,INC.

  YB1220ST26MB Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1220ST26MB Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
YB1220
Dual Channel 200mA LDO Regulator
YB1220 MRev.1.1
www.yobon.com.tw
7
Functional Block Diagram
Functional Description
The YB1220 consists of two low-noise,
low-quiescent current, low-dropout linear
regulators and is supplied in a small
SOT-26 package suitable for portable and
battery-powered
applications.
Each
channel can independently supply loads up
to 200mA (typical operation, not maximum)
and output voltages are preset and ranging
from 1.2V to 3.6V.
As shown in the Functional Block Diagram,
the YB1220 consists of a single reference
generating circuit, two error amplifiers, two
P-channel pass transistors, independent
internal feedback voltage dividers, two
short circuit current limiters and one
thermal shutdown protection circuit.
The internal reference is connected to the
error amplifier’s inverting input. The error
amplifier compares this reference with the
feedback
voltage
and
amplifies
the
difference. If the feedback voltage is lower
than the reference voltage, the gate of
pass-transistor is pulled low, allowing more
current to pass to the output and increasing
the output voltage. If the feedback voltage
is too high, the gate of pass transistor is
pulled high, resulting in less current to the
output.
Stability
The YB1220 is a high performance LDO
emphasizing stability with low output
capacitance. It is able to maintain stability
with an output capacitor as low as 1.0uF.
The output capacitor can also be increased
to optimize performance. The YB1220 will
remain stable and in regulation with no load,
unlike many other voltage regulators.
Internal P-Channel Pass Transistor
The YB1220 features a low impedance


Similar Part No. - YB1220ST26MB

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1220ST26MB

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com