Part Name
         Description
NCP3102

 Wide Input Voltage Synchronous Buck Converter ( 18 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 1 page
background image
© Semiconductor Components Industries, LLC, 2007
November, 2007 - Rev. 2
1
Publication Order Number:
NCP3102/D
NCP3102
Wide Input Voltage
Synchronous Buck Converter
The NCP3102 is a high efficiency, 10 A DC-DC buck converter
designed to operate from a 5 V to 13.2 V supply. The device is capable
of producing an output voltage as low as 0.8 V. The NCP3102 can
continuously output 10 A through MOSFET switches driven by an
internally set 275 kHz oscillator. The 40-pin device provides an
optimal level of integration to reduce size and cost of the power
supply. The NCP3102 also incorporates an externally compensated
transconductance error amplifier and a capacitor programmable
soft-start function. Protection features include programmable short
circuit protection and under voltage lockout (UVLO). The NCP3102
is available in a 40-pin QFN package.
Features
Input Voltage Range from 4.5 V to 13.2 V
275 kHz Internal Oscillator
Greater than 90% Maximum Efficiency
Boost Pin Operates to 25 V
Voltage Mode PWM Control
0.8 V $1% Internal Reference Voltage
Adjustable Output Voltage by Resistor Divider
Capacitor Programmable Soft-Start
80% Maximum Duty Cycle
Input Undervoltage Lockout
Resistor Programmable Current Limit
This is a Pb-Free Device
Applications
Servers/Networking
DSP and FPGA Power Supply
DC-DC Regulator Modules
Figure 1. Typical Application Diagram
NCP3102
Vout
Vin
TGOUT
TGIN
PWRPHS
CPHS
PWRVCC
BST
VCC
COMP/DIS
FB
AGND
BG PWRGND
GND
GND
100
95
90
85
80
75
70
65
60
55
50
0
123
4
5
6
7
8
9
10
OUTPUT CURRENT (A)
Figure 2. Efficiency
VIN = 5.0 V
VIN = 12 V
QFN40
CASE 485AK
MARKING
DIAGRAM
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
http://onsemi.com
NCP3102
AWLYYWWG
See detailed ordering and shipping information in the package
dimensions section on page 16 of this data sheet.
ORDERING INFORMATION
PIN CONNECTIONS
(Top View)
40
1



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP7662_07Wide Input Voltage Range 12A 300kHz Buck Regulator 1 2 3 4 5 MoreSipex Corporation
SC2441Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter 1 2 3 4 5 MoreSemtech Corporation
SP7663_07Wide Input Voltage Range 6A 600kHz Buck Regulator 1 2 3 4 5 MoreSipex Corporation
SC2542High Performance Wide Input Range Dual Synchronous Buck Controller 1 2 3 4 5 MoreSemtech Corporation
LM5642_07High Voltage Dual Synchronous Buck Converter with Oscillator Synchronization Coming SoonNational Semiconductor
SC4612Wide Input Range High Performance Synchronous Buck Switching Controller 1 2 3 4 5 MoreSemtech Corporation
TPS61200LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES 1 2 3 4 5 MoreTexas Instruments
SC4611Wide Input Range High Performance Synchronous Buck Switching Regulator 1 2 3 4 5 MoreSemtech Corporation
SP7650_06Wide Input Voltage Range 3A 300kHz Buck Regulator 1 2 3 4 5 MoreSipex Corporation
SP7651_07Wide Input Voltage Range 3Amp 900kHz Buck Regulator 1 2 3 4 5 MoreSipex Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl