Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1231ST8RX330 Datasheet(PDF) 6 Page - YOBON TECHNOLOGIES,INC.

Part # YB1231ST8RX330
Description  Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1231ST8RX330 Datasheet(HTML) 6 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1231ST8RX330 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX330 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
YB1231 – HV600mA
Low-Noise LDO Regulator
YB1231 MRev. 1.4
www.yobon.com.tw
6
SHUTDOWN AND
POWER-ON CONTROL
THERMAL
SENSOR
ERROR
AMP
REFERENCE
AND NOISE BYPASS
MOS DRIVER
WITH LIMIT
IN
GND
EN
OUT
P
Figure 3. Block Diagram
Functional Block Diagram
Functional Description
The
YB1231
is
an
ultra-low-noise,
low-quiescent current, low-dropout linear
regulator. It is supplied in a SOT-23 /
SOT-25 / SOT-89 package for different
applications. These devices can supply
loads up to 600mA. As shown in the
Functional Block Diagram, the YB1231
consists of a reference and noise bypass
circuit,
error
amplifier,
output
drive
transistor, internal feedback voltage divider,
thermal sensor, and short circuit current
limiter. The internal reference is connected
to the error amplifier’s inverting input. The
error amplifier compares this reference with
the feedback voltage and amplifies the
difference. If the feedback voltage is lower
than
the
reference
voltage,
the
pass-transistor gate is pulled low. This
allows more current to pass to the output
and increases the output voltage. If the
feedback voltage is too high, the pass
transistor gate is pulled high, allowing less
current to pass to the output. The parts are
available with preset output voltages
ranging from 3.2V to 4.5V.
Stability
The YB1231 is a high performance LDO
emphasizing stability with low output
capacitance. It is able to maintain stability
with an output capacitor as low as 2.2 uF.
The output capacitor can also be increased
to optimize performance. The YB1231 will
remain stable and in regulation with no load,
unlike many other voltage regulators.
Internal P-Channel Pass Transistor
The YB1231 features a low impedance
P-channel MOSFET pass transistor. This
provides several advantages over similar


Similar Part No. - YB1231ST8RX330

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231ST89X320 YOBON-YB1231ST89X320 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X330 YOBON-YB1231ST89X330 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X340 YOBON-YB1231ST89X340 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X350 YOBON-YB1231ST89X350 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X360 YOBON-YB1231ST89X360 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
More results

Similar Description - YB1231ST8RX330

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com