Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160
Description  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61160 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61160 Datasheet HTML 1Page - Texas Instruments TPS61160 Datasheet HTML 2Page - Texas Instruments TPS61160 Datasheet HTML 3Page - Texas Instruments TPS61160 Datasheet HTML 4Page - Texas Instruments TPS61160 Datasheet HTML 5Page - Texas Instruments TPS61160 Datasheet HTML 6Page - Texas Instruments TPS61160 Datasheet HTML 7Page - Texas Instruments TPS61160 Datasheet HTML 8Page - Texas Instruments TPS61160 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
SW
Ramp
Generator
Oscillator
Current
Sensor
OLP
CTRL
GND
C3
L1
+
FB
Reference
Control
D1
Error
Amplifer
2
1
Rset
C2
Vin
C1
PWMControl
4
6
Soft
Start-up
5
3
COMP
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
TPS61160
TPS61161
SLVS791 – NOVEMBER 2007
FIGURE
Efficiency TPS61160/1
VIN = 3.6 V; 4, 6, 8, 10 LEDs; L = 22
µH
Figure 2
Efficiency TPS61160
Figure 3
Efficiency TPS61161
Figure 4
Current limit
TA = 25°C
Figure 5
Current limit
Figure 6
Easyscale step
Figure 7
PWM dimming linearity
VIN = 3.6 V; PWM Freq = 10 kHz and 40 kHz
Figure 7
Output ripple at PWM dimming
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; PWM Freq = 10 kHz
Figure 9
Switching waveform
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L = 22 µH
Figure 10
Start-up
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L =22 µH
Figure 11
Open LED protection
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L = 22 µH
Figure 12
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61160 TPS61161


Similar Part No. - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI1-TPS61160 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com