Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1210ST89S-3.0G Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST89S-3.0G
Description  300mA Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST89S-3.0G Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1210ST89S-3.0G Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-3.0G Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
YB1210 – 300mA
Ultra-Low-Noise, High PSRR LDO Regulator
YB1210 MRev.1.5
www.yobon.com.tw
4
Function Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.0
6.0
V
Output Voltage
Predefined (metal masks)
1.8
3.3
V
Output Voltage Accuracy
IOUT = 10mA
-2.0
+2.0
%
Output Current Limit
Short-circuit output
200
250
mA
VOUT = 3.3V, IOUT = 250mA
450
550
VOUT = 3.0V, IOUT = 250mA
470
590
VOUT = 2.8V, IOUT = 250mA
500
600
VOUT = 2.6V, IOUT = 250mA
520
620
VOUT = 2.5V, IOUT = 250mA
540
640
Dropout Voltage
(See Note 1)
VOUT = 1.8V, IOUT = 250mA
800
900
mV
Ground Current
IOUT = 0 mA
90
150
µA
Line Regulation
VIN = (VOUT+1V) to 6.0V, IOUT = 10 mA
0.3
0.5
%/V
Load Regulation
IOUT = 1mA to 250mA
1.2
3
%
Shutdown Supply Current
EN=0V
~0.01
µA
Absolute Maximum Ratings
Supply Voltage........................................ -0.3V to 7.0V
Output Voltage ...............................-0.3V to (VIN+0.3V)
Output Short-Circuit Duration ........................... Infinite
Junction Temperature Range........................... +150℃
Storage Temperature Range ............. -65℃ to +150℃
Lead Temperature............................................ +250℃
Thermal Resistance (SOT-23/25,
θJA).......... 280℃/W
Thermal Resistance (SOT-89,
θJA)............... 180℃/W
Internal Power Disspation (SOT-23/25, PD)........0.4W
Internal Power Disspation (SOT-89, PD)...........0.55W
Recommended Operating Conditions
Input Supply Voltage................................ 2V to 6.0V
Operating Temperature..................... -40℃ to +85℃
ESD Susceptibility (HBM).................................. 2KV
ESD Susceptibility (MM)...................................200V
Electrical Characteristics
Table 3 TA = 25℃, VIN = ( VOUT + 1 V ), CIN = COU T = 0.47µF, VEN = VIN


Similar Part No. - YB1210ST89S-3.0G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210ST89R120 YOBON-YB1210ST89R120 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R130 YOBON-YB1210ST89R130 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R140 YOBON-YB1210ST89R140 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R150 YOBON-YB1210ST89R150 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R160 YOBON-YB1210ST89R160 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST89S-3.0G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com