Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YB1210ST89S-2.5G Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST89S-2.5G
Description  300mA Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST89S-2.5G Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1210ST89S-2.5G Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST89S-2.5G Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
YB1210 – 300mA
Ultra-Low-Noise, High PSRR LDO Regulator
YB1210 MRev.1.5
www.yobon.com.tw
1
Description
The YB1210 family consists of a series of
300mA ultra-low-noise, low dropout (LDO)
linear regulators especially designed for
battery-powered
RF
and
wireless
applications.
The
YB1210
regulator
achieves a low 450mV dropout at 250mA
load current of 3.3V output, ultra-low output
voltage noise of 15µVrms and PSRR of
57dB at 1KHz.
The YB1210 regulators are also optimized
to work with low-ESR and low cost ceramic
capacitors reducing the amount of board
space critical in hand-held devices. The
YB1210 requires only 0.47 µF output
capacitor for stability with any load. The
YB1210 consumes less than 1µA in
shutdown mode.
Other features include high output voltage
accuracy and current limiting protection.
The YB1210 regulators are available in
SOT-23 / SOT-25 / SOT-89 packages.
Typical Application Circuitry
Features
High Accuracy +-2% Output Voltage
Ultra-Low-Noise Low-Drop-Out
Regulator with 1.8/2.5/2.6/2.8/3.0V/3.3V
Preset Outputs
Stable with 0.47µF Ceramic Capacitor
for Any Load
Allowable Output Current: 300mA
Low Quiescent Current: ~90µA
450mV Dropout at 250mA Load (3.3V)
Only Need Input and Output Capacitors
Power Saving Shutdown Mode (<1µA)
Thermal Protection Shutdown
Built-In Internal Soft-Start
Output Short-circuit Current Limit
Protection
Green package (RoHS) available
Applications
PDA, Palmtops and Notebook Computers
DSC, Handset Camera Modules
PCMCIA Cards, PC Cameras
USB Based Portable Devices (MP3, PMP)
GSM/GPRS/3G RF Transceiver Modules
Wireless LANs
Bluetooth Portable Radios
INPUT
IN
EN
GND
OUT
OUTPUT PRESET
ON
OFF
Cin=0.47uF
Cout=0.47uF
YB1210
NC or
Bypass
Cbypass
=30nF
Figure 1-1. SOT-25 application circuit


Similar Part No. - YB1210ST89S-2.5G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210ST89R120 YOBON-YB1210ST89R120 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R130 YOBON-YB1210ST89R130 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R140 YOBON-YB1210ST89R140 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R150 YOBON-YB1210ST89R150 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST89R160 YOBON-YB1210ST89R160 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST89S-2.5G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com