Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17014 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17014
Description  Low-Cost Multiple-Output Power Supply for LCD TVs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17014 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17014 Datasheet HTML 4Page - Maxim Integrated Products MAX17014 Datasheet HTML 5Page - Maxim Integrated Products MAX17014 Datasheet HTML 6Page - Maxim Integrated Products MAX17014 Datasheet HTML 7Page - Maxim Integrated Products MAX17014 Datasheet HTML 8Page - Maxim Integrated Products MAX17014 Datasheet HTML 9Page - Maxim Integrated Products MAX17014 Datasheet HTML 10Page - Maxim Integrated Products MAX17014 Datasheet HTML 11Page - Maxim Integrated Products MAX17014 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Low-Cost Multiple-Output
Power Supply for LCD TVs
8
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = IN2 = 12V, AVDD = OVIN = SUP = 15V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless oth-
erwise noted.) (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POSITIVE AND NEGATIVE CHARGE-PUMP REGULATORS
VSUP Input Supply Range
8
18
V
VSUP Overvoltage Threshold
SUP rising edge, 250mV typical hysteresis (Note 3)
18
20
V
FBP Regulation Voltage
1.23
1.27
V
DRVP p-Channel MOSFET
On-Resistance
3
DRVP n-Channel MOSFET
On-Resistance
1
FBN Regulation Voltage
VREF - VFBN
0.985
1.015
V
DRVN p-Channel On-Resistance
3
DRVN n-Channel On-Resistance
1
AVDD SWITCH
SWI Supply Range
8.0
18.5
V
SWI Overvoltage Fault Threshold
VOVIN = rising, 250mV typical hysteresis (Note 3)
18.5
20.0
V
SWI-SWO Switch Resistance
240
m
SUI Output Sink Current
EN2 = DEL2 = VL
24
36
μA
SWI-SUI Done Threshold
EN2 = DEL2 = VL
4.4
5.6
V
OPERATIONAL AMPLIFIERS
OVIN Supply Range
8
18
V
OVIN Overvoltage Fault Threshold
SWI rising edge, 250mV typical hysteresis (Note 2)
18
20
V
Input Common-Mode Voltage Range
0
VOVIN
V
Output Voltage Swing High
IOUTx = 25mA
VOVIN -
300
mV
Output Voltage Swing Low
IOUTx = -25mA
300
mV
HIGH-VOLTAGE SWITCH ARRAY
SRC Supply Range
44
V
GON-to-SRC Switch On-Resistance
VDLP = 2V, CTL = VL
20
GON-to-DRN Switch On-Resistance
VDLP = 2V, CTL = GND
50
GON-to-GND Switch On-Resistance
DLP = GND, VGON = 5V
2.5
12.5
k
CTL Input Low Voltage
0.6
V
CTL Input High Voltage
1.6
V
Mode 1 Voltage Threshold
VMODE rising edge
4.5
V


Similar Part No. - MAX17014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX17014 MAXIM-MAX17014 Datasheet
212Kb / 11P
   1.2MHz Switching Frequency (600kHz Selectable)
Rev 0; 12/07
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014AETM++ MAXIM-MAX17014AETM+ Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014ETM++ MAXIM-MAX17014ETM+ Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results

Similar Description - MAX17014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
   6-CH Bias Power Supply for LCD TVs
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com