Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16824 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16824
Description  High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16824 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16824 Datasheet HTML 4Page - Maxim Integrated Products MAX16824 Datasheet HTML 5Page - Maxim Integrated Products MAX16824 Datasheet HTML 6Page - Maxim Integrated Products MAX16824 Datasheet HTML 7Page - Maxim Integrated Products MAX16824 Datasheet HTML 8Page - Maxim Integrated Products MAX16824 Datasheet HTML 9Page - Maxim Integrated Products MAX16824 Datasheet HTML 10Page - Maxim Integrated Products MAX16824 Datasheet HTML 11Page - Maxim Integrated Products MAX16824 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High-Voltage, Three-Channel Linear
High-Brightness LED Drivers
8
_______________________________________________________________________________________
BANDGAP AND
5V REGULATOR
THERMAL
SHUTDOWN
SHIFT
REGISTER
SHIFT
REGISTER
SHIFT
REGISTER
LATCH
LATCH
LATCH
LOGIC
200mV
OUT1
OUT2
OUT3
CS1
CS2
CS3
OE
LE
DOUT
CLK
DIN
REG
IN
GND
MAX16825
Figure 2. Internal Block Diagram (MAX16825)


Similar Part No. - MAX16824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824 MAXIM-MAX16824 Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16824 MAXIM-MAX16824 Datasheet
206Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
MAX16824AUE++ MAXIM-MAX16824AUE+ Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824AUE++ MAXIM-MAX16824AUE+ Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
More results

Similar Description - MAX16824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_09 Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824 MAXIM-MAX16824_13 Datasheet
206Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com