Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16809 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16809
Description  Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16809 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16809_07 Datasheet HTML 6Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 7Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 8Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 9Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 10Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 11Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 12Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 13Page - Maxim Integrated Products MAX16809_07 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Integrated 16-Channel LED Drivers with
Switch-Mode Boost and SEPIC Controller
10
______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +15V, V+ = 3V to 5.5V, RT = 10kΩ, CT = 3.3nF, VREF = COMP = open, CREF = 0.1µF, VFB = 2V, CS = AGND = PGND = 0V.
Typical values are at TA = +25°C, unless otherwise noted.)
OUT_ _ CURRENT vs. V+
(RSET = 360
Ω, VOUT = 2V)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
47
48
49
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = +125
°C
46
3.0
5.5
OUT_ _ CURRENT vs. SET RESISTANCE
(V+ = 5.0V)
SET RESISTANCE (k
Ω)
4
3
2
1
10
20
30
40
50
0
05
OUT_ _ CURRENT vs. OUT_ _ VOLTAGE
(RSET = 360
Ω V+ = 5.0V)
OUT_ _ VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
10
20
30
40
50
60
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = +125
°C
0
0
3.0
OUT_ _ CURRENT vs. V+
(RSET = 720
Ω, VOUT = 2V)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
23.5
24.0
24.5
25.0
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
23.0
3.0
5.5


Similar Part No. - MAX16809_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
More results

Similar Description - MAX16809_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16809 MAXIM-MAX16809 Datasheet
303Kb / 23P
   Integrated 16-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16808 MAXIM-MAX16808 Datasheet
240Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 0; 10/06
MAX16807 MAXIM-MAX16807_07 Datasheet
295Kb / 21P
   Integrated 8-Channel LED Drivers with Switch-Mode Boost and SEPIC Controller
Rev 1; 4/07
MAX16809 MAXIM-MAX16809_09 Datasheet
246Kb / 20P
   Integrated 16-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16807 MAXIM-MAX16807_09 Datasheet
224Kb / 19P
   Integrated 8-Channel LED Driver with Switch-Mode Boost and SEPIC Controller
Rev 2; 8/09
MAX16838B MAXIM-MAX16838B Datasheet
907Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 3/16
MAX16838 MAXIM-MAX16838_V01 Datasheet
686Kb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
2016
MAX16838 MAXIM-MAX16838_11 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 2; 4/11
MAX16838 MAXIM-MAX16838_13 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 3; 6/13
MAX16838 MAXIM-MAX16838 Datasheet
1Mb / 21P
   Integrated, 2-Channel, High-Brightness LED Driver with High-Voltage Boost and SEPIC Controller
Rev 1; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com