Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16051ETI+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16051ETI+
Description  Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16051ETI+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16051ETI+ Datasheet HTML 1Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 2Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 3Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX16051ETI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX16050 monitors up to 5 voltages and
sequences up to 4 voltages, while the MAX16051 moni-
tors up to 6 voltages and sequences up to 5 voltages.
These devices provide an adjustable delay as each sup-
ply is turned on and they monitor each power-supply
voltage. When all of the voltages reach their final values
and the reset delay timer expires, a power-on-reset
(POR) output deasserts allowing the microcontroller (µC)
to operate. If any voltage falls below its threshold, the
reset output asserts and all voltage supplies are turned
off. The MAX16050/MAX16051 can be daisy-chained to
control a higher number of voltages in a system.
During a power-down event, the MAX16050/MAX16051
can reverse sequence the outputs. In this situation, each
voltage is turned off sequentially until it reaches a 250mV
level, at which point, the next supply is turned off. The
MAX16050/MAX16051 also provide internal pulldown cir-
cuitry that turns on during power-down, to help dis-
charge large output capacitors.
The MAX16050/MAX16051 feature a charge-pump sup-
ply output that can be used as a pullup voltage for dri-
ving external n-channel MOSFETs and an overvoltage
output that indicates when any of the monitored voltages
exceeds its overvoltage threshold. The MAX16050 also
provides three sequence control inputs for changing the
sequence order, while the MAX16051 has a fixed
sequence order.
The MAX16050/MAX16051 are available in a 28-pin
(4mm x 4mm) thin QFN package and are fully specified
over the -40°C to +85°C extended operating tempera-
ture range.
Applications
Features
♦ Monitor Up to 6 Voltages/Sequence Up to 5
Voltages
♦ Pin-Selectable Sequencing Order (MAX16050 Only)
♦ Reverse-Sequencing Capability on Shutdown
♦ Overvoltage Monitoring with Independent Output
♦ ±1.5% Threshold Accuracy
♦ 2.7V to 13.2V Operating Voltage Range
♦ Charge Pump to Fully Enhance External
n-Channel FETs
♦ Capacitor-Adjustable Sequencing Delay
♦ Fixed or Capacitor-Adjustable Reset Timeout
♦ Internal 85mA Pulldowns for Discharging
Capacitive Loads Quickly
♦ Daisy-Chaining Capability to Communicate
Across Multiple Devices
♦ Small 4mm x 4mm, 28-Pin TQFN Package
Voltage Monitors/Sequencer Circuits with
Reverse-Sequencing Capability
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
26
27
25
24
10
+
9
11
12
1
*EP = EXPOSED PAD
2
SEQ1
45
6
7
20
21
19
17
16
15
SEQ2
SEQ3
OUT2
SET2
DISC3
OUT3
MAX16050
3
18
*EP
28
8
CP_OUT
SET3
TIMEOUT
23
13
DISC2
DELAY
22
14
EN_HOLD
SHDN
THIN QFN
(4mm x 4mm)
TOP VIEW
Pin Configurations
19-1013; Rev 0; 11/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Pin Configurations continued at end of data sheet.
PART
MONITORED
VOLTAGES
VOLTAGES
SEQUENCED
PIN-PACKAGE
PACKAGE CODE
MAX16050ETI+
5
4
28 TQFN-EP*
T2844-1
MAX16051ETI+
6
5
28 TQFN-EP*
T2844-1
Note: All devices are specified over the -40°C to +85°C operating temperature range.
+
Denotes lead-free package.
*
EP = Exposed pad.
Typical Operating Circuit appears at end of data sheet.
Servers
Workstations
Networking Systems
Telecom Equipment
Storage Systems


Similar Part No. - MAX16051ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16051ETI++ MAXIM-MAX16051ETI+ Datasheet
238Kb / 21P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
19-1013; Rev 1; 7/08
MAX16051ETI++ MAXIM-MAX16051ETI+ Datasheet
1Mb / 24P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
2017
More results

Similar Description - MAX16051ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16050 MAXIM-MAX16050_08 Datasheet
238Kb / 21P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
19-1013; Rev 1; 7/08
MAX16050 MAXIM-MAX16050_V01 Datasheet
1Mb / 24P
   Voltage Monitors/Sequencer Circuits with Reverse-Sequencing Capability
2017
MAX16050EVKIT MAXIM-MAX16050EVKIT Datasheet
536Kb / 13P
   Reverse-Sequencing Operation
Rev 0; 7/08
logo
Intersil Corporation
X80130 INTERSIL-X80130 Datasheet
336Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80120 RENESAS-X80120 Datasheet
715Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
X80130 RENESAS-X80130 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Triple Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
logo
STMicroelectronics
STTH1512-Y STMICROELECTRONICS-STTH1512-Y Datasheet
151Kb / 9P
   High reverse voltage capability
July 2013 Rev 1
logo
Intersil Corporation
X80120 INTERSIL-X80120 Datasheet
318Kb / 17P
   Voltage Supervisor/Sequencer Dual Programmable Time Delay with Local/Remote Voltage Monitors
X80140 INTERSIL-X80140 Datasheet
341Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
logo
Renesas Technology Corp
X80140 RENESAS-X80140 Datasheet
748Kb / 18P
   Voltage Supervisor/Sequencer Quad Programmable Time Delay with Local/Remote Voltage Monitors
January 20, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com