Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13415E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13415E
Description  RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13415E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13415E Datasheet HTML 6Page - Maxim Integrated Products MAX13415E Datasheet HTML 7Page - Maxim Integrated Products MAX13415E Datasheet HTML 8Page - Maxim Integrated Products MAX13415E Datasheet HTML 9Page - Maxim Integrated Products MAX13415E Datasheet HTML 10Page - Maxim Integrated Products MAX13415E Datasheet HTML 11Page - Maxim Integrated Products MAX13415E Datasheet HTML 12Page - Maxim Integrated Products MAX13415E Datasheet HTML 13Page - Maxim Integrated Products MAX13415E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
RS-485 Transceiver with Integrated Low-Dropout
Regulator and AutoDirection Control
10
______________________________________________________________________________________
60
45
30
15
0
-40
10
-15
35
60
85
RECEIVER PROPAGATION vs.TEMPERATURE
(MAX13410E/MAX13412E)
TEMPERATURE (
°C)
tRPHL
tRPLH
60
45
30
15
0
-40
10
-15
35
60
85
RECEIVER PROPAGATION vs.TEMPERATURE
(MAX13411E/MAX13413E)
TEMPERATURE (
°C)
tRPHL
tRPLH
DRIVER PROPAGATION (250kbps)
(MAX13412E)
MAX13410E-15E toc15
1
μs/div
DI
2V/div
A - B
5V/div
DRIVER PROPAGATION (16kbps)
(MAX13413E)
MAX13410E-15E toc16
20ns/div
DI
2V/div
A - B
5V/div
RECEIVER PROPAGATION (16kbps)
(MAX13413E)
MAX13410E-15E toc17
20ns/div
A
2V/div
B
2V/div
RO
2V/div
DRIVING A LARGE CAPACITIVE LOAD 16nF
(19.2kbps) (MAX13412E)
MAX13410E-15E toc18
10
μs/div
DI
2V/div
A - B
2V/div
DRIVING A LARGE CAPACITIVE LOAD 16nF
(1Mbps) (MAX13413E)
MAX13410E-15E toc19
400ns/div
DI
2V/div
A - B
5V/div
DRIVING A LARGE CAPACITIVE LOAD 16nF
(50kbps) (MAX13413E)
MAX13410E-15E toc20
1
μs/div
DI
2V/div
A - B
2V/div
Typical Operating Characteristics (continued)
(VCC = +7.5V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13415E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13415E MAXIM-MAX13415E Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13415EESA MAXIM-MAX13415EESA Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
More results

Similar Description - MAX13415E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13413EESA MAXIM-MAX13413EESA Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13410E MAXIM-MAX13410E_09 Datasheet
388Kb / 24P
   RS-485 Transceiver with Integrated Low-Dropout Regulator and AutoDirection Control
Rev 1; 8/09
MAX13487E MAXIM-MAX13487E Datasheet
453Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 0; 1/07
MAX13487E MAXIM-MAX13487E_V01 Datasheet
250Kb / 17P
   Half-Duplex RS-485-/RS-422- Compatible Transceiver with AutoDirection Control
Rev 1; 2/2015
MAX13487E MAXIM-MAX13487E_15 Datasheet
260Kb / 17P
   Half-Duplex RS-485-/RS-422-Compatible Transceiver with AutoDirection Control
Rev 1; 2/15
logo
Analog Devices
MAX22025 AD-MAX22025 Datasheet
754Kb / 23P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 8; 3/22
logo
Maxim Integrated Produc...
MAX22025 MAXIM-MAX22025 Datasheet
819Kb / 16P
   Compact, Isolated, Half-Duplex RS-485/RS-422 Transceivers with AutoDirection Control
Rev 2; 11/19
logo
Exar Corporation
XR19L400 EXAR-XR19L400 Datasheet
929Kb / 45P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L400 EXAR-XR19L400_09 Datasheet
943Kb / 46P
   SINGLE CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
XR19L402 EXAR-XR19L402_09 Datasheet
989Kb / 49P
   TWO CHANNEL INTEGRATED UART AND RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com