Part Name
         Description
MAX13038ATX+

 Automotive Contact Monitor and Level Shifters with LDO Regulator ( 22 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 18 page
background image
at which point the command register is restored to its
power-up default (0x00) and the MAX13037/
MAX13038 enter scan mode. Note that
SD is compati-
ble with both logic and BAT voltage levels. Having
SD
compatible to VBAT allows the MAX13037/MAX13038 to
retain the settings in the command register as well as
input monitoring even when VLO is disabled, provided
that
SD = VBAT.
Applications Information
Automotive Considerations
Reverse-Battery Tolerance
The BATREF and IN0–IN7 inputs can withstand voltages
down to -45V without damage so that reverse battery is
not an issue. The BAT input should be protected with a
reverse-battery diode as shown in the
Typical Application
Circuit. The shutdown (
SD) and REGON inputs can be
controlled from a battery-level source, but should be pro-
tected against reverse battery in the application.
Power Dissipation
Wetting currents and the LDO output current can result in
overheating the MAX13037/MAX13038. At the early ther-
mal warning threshold of +135°C (typ), wetting currents
are disabled. This allows the LDO output to remain
enabled if overheating is caused by the wetting currents.
At temperatures above +170°C, the LDO is also turned
off to avoid damage to the device.
It is important to consider the effects of wetting currents
on the power dissipated by the MAX13037/MAX13038.
For example, assume all inputs are configured for a
continuous wetting current of 25mA, all external switch-
es have an on-resistance of 1Ω and the battery voltage
is +16V. If all switches are simultaneously closed, the
corresponding power dissipated due to wetting currents
only is (16V - (25mA x 1Ω)) x 25mA x 8 = 3.12W, which
is higher than the absolute maximum power dissipation
of 2857mW at +70°C.
The LDO is a second source of power dissipation. For
example, if VLO = +3.3V, ILO = 100mA and VBAT =
+16V, the power dissipated by the LDO is (16V - 3.3V)
+ (0.1) = 1.27W. Both the LDO and wetting currents
should be taken into account for correct use of the
MAX13037/MAX13038.
ESD Protection
As with all Maxim devices, ESD-protection structures
are incorporated on all pins to protect against electro-
static discharges encountered during handling and
assembly. The IN7–IN0 inputs have extra protection
against static electricity. Maxim’s engineers have
developed state-of-the-art structures to protect these
pins against ESD of ±8kV without damage.
Human Body Model
The MAX13037/MAX13038 IN7–IN0 pins are charac-
terized for ±8kV ESD protection using the Human
Body Model. Figure 7a shows the Human Body Model,
and Figure 7b shows the current waveform it gener-
ates when discharged into a low impedance. This
model consists of a 100pF capacitor charged to the
ESD voltage of interest, which is then discharged into
the device through a 1.5kΩ resistor.
Automotive Contact Monitor and
Level Shifters with LDO Regulator
18
______________________________________________________________________________________
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC 1M
Ω
RD 1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 7a. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 7b. Human Body Model Current Waveform



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCV85125.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
MAX13036Automotive Contact Monitor and Level Shifter 1 2 3 4 5 MoreMaxim Integrated Products
MAX15009Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector 1 2 3 4 5 MoreMaxim Integrated Products
MAX1589_07Low-Input-Voltage 500mA LDO Regulator with RESETin SOT and TDFN 1 2 3 4 5 MoreMaxim Integrated Products
LP388521.5A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start Coming SoonNational Semiconductor
LP388533A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start Coming SoonNational Semiconductor
NCV4269_075.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
NCV8501_07Micropower 150 mA LDO Linear Regulators with ENABLE DELAY RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
NCV8502_07Micropower 150 mA LDO Linear Regulators with DELAY Adjustable RESET and Monitor FLAG 1 2 3 4 5 MoreON Semiconductor
RT9014Ultra Low Noise 300mA Dual LDO Regulator with POR NMOS Driver and Requiring No Bypass Capacitor 1 2 3 4 5 MoreRichtek Technology Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl