Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11505CUB+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11505CUB+
Description  Four-Channel, Standard-Definition Video Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11505CUB+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11505CUB+ Datasheet HTML 1Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX11504/MAX11505 integrated filters offer four
channels of 5th order filters for standard-definition video
and include +6dB output buffers on each channel. These
video filters are ideal for anti-aliasing and DAC smooth-
ing in applications such as set-top boxes, security sys-
tems, digital video recorders (DVRs), DVD players, and
personal video recorders.
The MAX11504/MAX11505 video inputs feature a trans-
parent clamp compatible with AC- and DC-coupled
input signals and allow DAC outputs to be directly cou-
pled. The 5th order filters provide a bandwidth of
8.6MHz (typical). The MAX11504 offers a flat passband
response on all channels. The MAX11505 offers a 0.8dB
peaking passband response on Channel 1, resulting in
a bandwidth of 8.9MHz (typical) and a flat passband
response on all other channels.
Each channel includes an output buffer with a gain of
+6dB capable of driving a full 2VP-P video signal into two
standard 150Ω (75Ω back terminated) video loads. The
buffers drive either AC- or DC-coupled loads and assure
a blanking level below 1V after the back-match resistor.
The MAX11504/MAX11505 operate from a single +5V
supply and are available in the 0°C to +70°C commer-
cial temperature range. These devices are available in
small 10-pin µMAX® packages.
Applications
Set-Top Box Receivers
Digital Video Recorders (DVRs)
Security Video Systems
SDTV
DVD Players
Personal Video Recorders
Video On-Demand
Features
♦ Four-Channel 5th Order Filter for Standard-
Definition Video
♦ +6dB Output Buffers
♦ Transparent Input Clamp
♦ AC- or DC-Coupled Inputs
♦ AC- or DC-Coupled Outputs
♦ Output Buffers Can Drive Two Standard 150Ω
Video Loads
♦ 12kV HBM ESD Protection on Outputs
♦ Flat Passband Response (MAX11504)
♦ 0.8dB Peaking Passband Response on Channel 1
(MAX11505)
♦ Single +5V Power Supply
♦ Small 10-Pin µMAX Package
Four-Channel, Standard-Definition
Video Filter
________________________________________________________________
Maxim Integrated Products
1
19-1057; Rev 0; 11/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Note: All devices are specified over the 0°C to +70°C commer-
cial temperature range.
Simplified Block Diagram
+6dB
+6dB
+6dB
IN1
IN2
IN3
OUT1
OUT2
OUT3
GND
8.6MHz
8.6MHz
8.9MHz*
TRANSPARENT
CLAMP
TRANSPARENT
CLAMP
TRANSPARENT
CLAMP
TRANSPARENT
CLAMP
8.6MHz
+6dB
IN4
OUT4
8.6MHz
*MAX11505 WITH 0.8dB PEAKING ON CHANNEL 1
VCC
MAX11504
MAX11505
PART
PIN-
PACKAGE
PACKAGE
CODE
FREQUENCY
RESPONSE
MAX11504CUB+
10 µMAX
U10+2
Flat
MAX11505CUB+
10 µMAX
U10+2
HF Boost On
Channel 1
Pin Configuration
1
2
3
4
5
10
9
8
7
6
OUT1
OUT2
OUT3
OUT4
IN4
IN3
IN2
IN1
MAX11504
MAX11505
µMAX
TOP VIEW
GND
VCC
µMAX is a registered trademark of Maxim Integrated Products,
Inc.


Similar Part No. - MAX11505CUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11505 MAXIM-MAX11505 Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
More results

Similar Description - MAX11505CUB+

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6364A ONSEMI-FMS6364A Datasheet
821Kb / 13P
   Four-Channel Standard- & High-Definition Video Filter Driver
Rev. 3.0.5
logo
Fairchild Semiconductor
FMS6364A FAIRCHILD-FMS6364A Datasheet
424Kb / 12P
   Low-Cost Four-Channel Standard Definition (SD) & High (HD) Definition Video Filter Driver
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501EVKIT MAXIM-MAX11501EVKIT Datasheet
141Kb / 7P
   Standard-Definition Television Video Filter
Rev 0; 9/07
logo
SG Micro Corp
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
SGM9124 SGMICRO-SGM9124 Datasheet
290Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
REV. A. 2
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com