Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11505CUB+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11505CUB+
Description  Four-Channel, Standard-Definition Video Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11505CUB+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11505CUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX11505CUB+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Four-Channel, Standard-Definition
Video Filter
8
_______________________________________________________________________________________
Applications Information
Output Configuration
The MAX11504/MAX11505 outputs may be either DC-
or AC-coupled. If AC-coupled, choose a capacitor that
passes the lowest frequency content of the video sig-
nal, and keep the line-time distortion within desired lim-
its. The capacitor value is a function of the input leakage
and impedance of the circuit being driven. Common
industry practice is to use a 220µF or larger coupling
capacitor. If any or all outputs are driving two parallel
loads, refer to the junction temperature calculations.
The MAX11504/MAX11505 outputs are fully protected
against short circuits either to the ground or the positive
supply of the device. The short-circuit protection cir-
cuitry limits the output current to 80mA (typical) per out-
put. Shorting more than one output simultaneously can
exceed the maximum package power dissipation.
Junction Temperature Calculations
Die temperature is a function of quiescent power dissi-
pation and the power dissipation in the output drivers.
Calculate the power dissipated PD using:
where PDS is the quiescent power dissipated in the die,
and given by:
and where PDOn is the power dissipated in the nth dri-
ver stage and given by:
where VORMSn is the RMS output voltage and RL is the
load resistance.
Example - Assuming these conditions:
1. Video standard = 525/60/2:1
2. Video format = RGB with syncs on all channels
3. Picture content = 100% white
4. The input signal is AC-coupled
5. The output signal is DC-coupled
6. VCC = 5.0V
7. ICC = 24mA
A sync tip exists at 280mV and peak white exists at
2.28V. The RMS voltage will be approximately 1.88V on
each output (80% of the peak-peak voltage, plus the
offset) giving:
and
The junction temperature is given by:
where TJ = junction temperature, TA = ambient temper-
ature (assume +70°C) and RθJA = thermal resistance
junction to ambient.
From the
Absolute Maximum Ratings section of the
data sheet, the derating factor is 8.8mW/°C above
+70°C. RθJA = 1/(derating factor) = 1/(8.8mW/°C) =
113°C/W.
Therefore:
If there is only one video load on each output, the junc-
tion temperature lowers to:
The above calculations assume the use of a multilay-
ered board with extensive ground planes for high ther-
mal efficiency. Using such a board is especially
important in applications where there are two video
loads on each channel.
TC
J =+
°
101
TC
J =+
×
= +
°
70 113
0 432
119
.
TT
R
P
J
A
JA
D
=+
×
()
θ
PW
D =
++++=
0 12 0 078 0 078 0 078 0 078 0 432
.
.....
PW
DOn =
×
=
(.
)
.
.
5 1 88
1 88
75
0 078
PW
DS
=
5 0 024
0 12
..
P
VV
V
R
DOn
CC
ORMSn
ORMSn
L
=
×
()
PV
I
DS
CC
CC
P
P
P
PPP
D
DS
DO
DODODO
=
+
+++
1
234


Similar Part No. - MAX11505CUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11505 MAXIM-MAX11505 Datasheet
170Kb / 7P
   Single 5V Supply Operation
Rev 0; 2/08
More results

Similar Description - MAX11505CUB+

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6364A ONSEMI-FMS6364A Datasheet
821Kb / 13P
   Four-Channel Standard- & High-Definition Video Filter Driver
Rev. 3.0.5
logo
Fairchild Semiconductor
FMS6364A FAIRCHILD-FMS6364A Datasheet
424Kb / 12P
   Low-Cost Four-Channel Standard Definition (SD) & High (HD) Definition Video Filter Driver
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501EVKIT MAXIM-MAX11501EVKIT Datasheet
141Kb / 7P
   Standard-Definition Television Video Filter
Rev 0; 9/07
logo
SG Micro Corp
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
SGM9124 SGMICRO-SGM9124 Datasheet
290Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
REV. A. 2
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
logo
Maxim Integrated Produc...
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
logo
ON Semiconductor
FMS6143A ONSEMI-FMS6143A Datasheet
527Kb / 15P
   Three-Channel 6th-Order Standard-Definition VoltagePlus Video Filter Driver
August 2011 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com