Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13037 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13037
Description  Automotive Contact Monitor and Level Shifters with LDO Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13037 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13037 Datasheet HTML 3Page - Maxim Integrated Products MAX13037 Datasheet HTML 4Page - Maxim Integrated Products MAX13037 Datasheet HTML 5Page - Maxim Integrated Products MAX13037 Datasheet HTML 6Page - Maxim Integrated Products MAX13037 Datasheet HTML 7Page - Maxim Integrated Products MAX13037 Datasheet HTML 8Page - Maxim Integrated Products MAX13037 Datasheet HTML 9Page - Maxim Integrated Products MAX13037 Datasheet HTML 10Page - Maxim Integrated Products MAX13037 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Automotive Contact Monitor and
Level Shifters with LDO Regulator
_______________________________________________________________________________________
7
WETTING CURRENT vs. VBAT
VBAT (V)
14
10
18
22
-20
-10
0
10
20
30
-30
626
GND-CONNECTED SWITCH
BAT-CONNECTED SWITCH
WETTING CURRENT vs. RWET
RWET (k
Ω)
280
180
230
130
80
-50
0
-30
-20
10
-40
20
40
-10
50
30
30
330
GND-CONNECTED SWITCH
BAT-CONNECTED SWITCH
WETTING CURRENT PULSE (NORMAL MODE,
WTOFF = 0, WEN = WEND = 1)
VIN_
10V/div
IIN_
20mA/div
INT
2V/div
20ms/div
BAT CURRENT vs. TEMPERATURE
(NORMAL MODE)
TEMPERATURE (
°C)
0
100
70
40
80
50
20
10
90
60
30
110
-40
125
-10
-25
5
35
20
50
80
65
95 110
ADJUSTABLE HYSTERESIS ON
ADJUSTABLE HYSTERESIS OFF
BAT CURRENT vs. TEMPERATURE
(NORMAL MODE)
TEMPERATURE (
°C)
0
7
2
5
6
3
1
4
8
-40
125
-25
95 110
20
-10 5
35
80
50 65
SD = LOW
BAT CURRENT vs. TEMPERATURE
(SCANNING MODE)
TEMPERATURE (
°C)
20
40
25
45
35
30
-40
125
95 110
50
35
20
5
-10
-25
80
65
LDO = ON
SCANNING PERIOD = 2ms
SCANNING PERIOD = 64ms
TYPICAL IN0 DRIVING
(NORMAL MODE, WTOFF = WEN = WEND = 0)
40
μs/div
VIN0
5V/div
VDO0
2V/div
f = 5kHz
TYPICAL IN0 DRIVING
(NORMAL MODE, WTOFF = WEN = WEND = 0)
2ms/div
VIN0
5V/div
VDO0
2V/div
f = 100Hz
ADJUSTABLE HYSTERESIS OFF
HYSTERESIS vs. RHYST
RHYST (k
Ω)
0
7
2
5
6
3
1
4
8
0
400
1000
200
600
800
ADJUSTABLE HYSTERESIS ON
Typical Operating Characteristics
(BAT = +14V,
SD = VBAT, RWET = 61kΩ, RHYST = 90kΩ, CTDEB = 4700pF, CTD = 4700pF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX13037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1303 MAXIM-MAX1303 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030EEBE MAXIM-MAX13030EEBE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030EEBE++ MAXIM-MAX13030EEBE+ Datasheet
329Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030EETE MAXIM-MAX13030EETE Datasheet
340Kb / 18P
   6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
More results

Similar Description - MAX13037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036 Datasheet
309Kb / 18P
   Automotive Contact Monitor and Level Shifter
Rev 0; 4/07
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Global Mixed-mode Techn...
G2581 GMT-G2581 Datasheet
144Kb / 1P
   9-CH Level Shifters
logo
Texas Instruments
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
logo
Exar Corporation
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR20M1280 EXAR-XR20M1280 Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
logo
Analog Devices
ADSY8401 AD-ADSY8401 Datasheet
300Kb / 16P
   LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com