Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9730 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9730
Description  2.4W, Single-Supply, Class G Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9730 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9730 Datasheet HTML 4Page - Maxim Integrated Products MAX9730 Datasheet HTML 5Page - Maxim Integrated Products MAX9730 Datasheet HTML 6Page - Maxim Integrated Products MAX9730 Datasheet HTML 7Page - Maxim Integrated Products MAX9730 Datasheet HTML 8Page - Maxim Integrated Products MAX9730 Datasheet HTML 9Page - Maxim Integrated Products MAX9730 Datasheet HTML 10Page - Maxim Integrated Products MAX9730 Datasheet HTML 11Page - Maxim Integrated Products MAX9730 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2.4W, Single-Supply, Class G Power Amplifier
8
_______________________________________________________________________________________
Utilizing a Class G output stage with an inverting
charge pump allows the MAX9730 to realize a 2.4W
output power with a 5V supply.
The theoretical best efficiency of a linear amplifier is
78%; however, that efficiency is only exhibited at peak
output powers. Under normal operating levels (typical
music reproduction levels), efficiency falls below 30%,
whereas the MAX9730 still exhibits 50% efficiency
under the same conditions.
Inverting Charge Pump
The MAX9730 features an integrated charge pump with
an inverted supply rail that can supply greater than
700mA over the positive 2.7V to 5.5V supply range. In
the case of the MAX9730, the charge pump generates
the negative supply rail (PVSS) needed to create the
higher supply range, which allows the output of the
device to operate over a greater dynamic range as the
battery supply collapses over time.
Shutdown Mode
The MAX9730 has a shutdown mode that reduces
power consumption and extends battery life. Driving
SHDN low places the MAX9730 in a low-power (0.3µA)
shutdown mode. Connect SHDN to VCC for normal
operation.
Click-and-Pop Suppression
The MAX9730 Class G amplifier features Maxim’s com-
prehensive, industry-leading click-and-pop suppres-
sion. During startup, the click-and-pop suppression
circuitry eliminates any audible transient sources inter-
nal to the device.
Applications Information
Differential Input Amplifier
The MAX9730 features a differential input configuration,
making the device compatible with many CODECs, and
offering improved noise immunity over a single-ended
input amplifier. In devices such as PCs, noisy digital
signals can be picked up by the amplifier’s input
traces. The signals appear at the amplifiers’ inputs as
common-mode noise. A differential input amplifier
amplifies the difference of the two inputs, and signals
common to both inputs are canceled out. When config-
ured for differential inputs, the voltage gain of the
MAX9730 is set by:
where AV is the desired voltage gain in dB. RIN+ should
be equal to RIN- and RFB+ should be equal to RFB-. The
Class G output stage has a fixed gain of 4V/V (12dB). Any
gain or attenuation set by the external input stage resistors
will add to or subtract from this fixed gain. See Figure 3.
A
R
R
dB
V
FB
IN
()
20
4
log
_
_
MAX9730
EFFICIENCY vs. CLASS AB
OUTPUT POWER (W)
1.5
1.0
0.5
10
20
30
40
50
60
70
80
90
100
0
0
2.0
MAX9730
TRADITIONAL CLASS AB
MAX9730
+
IN+
FB+
RIN+
RIN-
CIN-
CIN-
IN-
FB-
-
CLASS G
OUTPUT
STAGE
RFB+
RFB-
Figure 2. MAX9730 Efficiency vs. Class AB Efficiency vs.
Class D Efficiency
Figure 3. Gain Setting


Similar Part No. - MAX9730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9730 MAXIM-MAX9730 Datasheet
284Kb / 14P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
MAX9730 MAXIM-MAX9730 Datasheet
192Kb / 12P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 5; 3/10
MAX9730 MAXIM-MAX9730 Datasheet
102Kb / 4P
   Configurable Switching Frequency
Rev 0; 2/07
MAX9730EBPT MAXIM-MAX9730EBPT Datasheet
284Kb / 14P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
MAX9730ETI MAXIM-MAX9730ETI Datasheet
284Kb / 14P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
More results

Similar Description - MAX9730

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9730 MAXIM-MAX9730_10 Datasheet
192Kb / 12P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 5; 3/10
MAX9730 MAXIM-MAX9730 Datasheet
284Kb / 14P
   2.4W, Single-Supply, Class G Power Amplifier
Rev 0; 12/06
logo
Eutech Microelectronics...
EUA6230 EUTECH-EUA6230 Datasheet
130Kb / 1P
   2.4W, Mono Class G Audio Power Amplifier with AGC
logo
Maxim Integrated Produc...
MAX98302 MAXIM-MAX98302 Datasheet
1Mb / 13P
   Srereo 2.4W Class D Amplifier
19-5169; Rev 0; 4/10
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
logo
Integrated Silicon Solu...
IS31AP2031 ISSI-IS31AP2031 Datasheet
384Kb / 12P
   CLASS-G AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2060 ANPEC-APA2060 Datasheet
594Kb / 30P
   2.4W Stereo Fully Differential Audio Power Amplifier With Stereo Class AB
logo
Global Mixed-mode Techn...
G1901 GMT-G1901 Datasheet
42Kb / 1P
   2.4W Mono Class-D Audio Amplifier with Shutdown Mode
logo
List of Unclassifed Man...
CM8602B ETC2-CM8602B Datasheet
231Kb / 4P
   2.4W Audio Amplifier Stereo
logo
Wuxi Youda electronics ...
YD2025H YOUDA-YD2025H Datasheet
150Kb / 4P
   2.4W STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com