Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9722BETE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9722BETE
Description  5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9722BETE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9722BETE Datasheet HTML 3Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 4Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 5Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 6Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 7Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 8Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 9Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 10Page - Maxim Integrated Products MAX9722BETE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
5V, Differential Input, DirectDrive, 130mW
Stereo Headphone Amplifiers with Shutdown
_______________________________________________________________________________________
7
Pin Description
Typical Operating Characteristics (continued)
(MAX9722A, PVDD = SVDD = +5V, PGND = SGND = 0V, SHDN = SVDD, C1 = C2 = 1µF, RL = ∞, gain = -1V/V, single-ended input,
THD+N measurement bandwidth = 22Hz to 22kHz, TA = +25°C, unless otherwise noted.)
EXIT SHUTDOWN TRANSIENT
MAX9722 toc31
200µs/div
SHDN
2V/div
OUT
500mV/div
SHUTDOWN TRANSIENT
MAX9722 toc32
400µs/div
SHDN
2V/div
OUT
500mV/div
POWER-UP/DOWN TRANSIENT
MAX9722 toc33
20ms/div
VDD
2V/div
OUT
5mV/div
PIN
THIN QFN
TSSOP
NAME
FUNCTION
13
PVDD
Charge-Pump Power Supply. Powers charge-pump inverter, charge-pump logic, and oscillator.
Connect to positive supply (2.4V to 5.5V). Bypass with a 1µF capacitor to PGND as close to the
pin as possible.
2
4
C1P
Flying Capacitor Positive Terminal
3
5
PGND
Power Ground. Connect to ground.
4
6
C1N
Flying Capacitor Negative Terminal
57
PVSS
Charge-Pump Output. Connect to SVSS.
6
8
SGND
Signal Ground. Connect to ground.
7
9
INR+
Noninverting Right-Channel Audio Input
8
10
INR-
Inverting Right-Channel Audio Input
9, 13
11, 15
SVDD
Amplifier Positive Power Supply. Connect to positive supply (2.4V to 5.5V). Bypass with a 1µF
capacitor to SGND as close to the pin as possible.
10
12
OUTR
Right-Channel Output
11
13
SVSS
Amplifier Negative Power Supply. Connect to PVSS.
12
14
OUTL
Left-Channel Output
14
16
INL-
Inverting Left-Channel Audio Input
15
1
INL+
Noninverting Left-Channel Audio Input
16
2
SHDN
Active-Low Shutdown Input
——
EP
Exposed Paddle. The exposed paddle can be either connected to PVSS or a small electrically
isolated copper plane. Do not connect to PGND, SGND, PVDD, or SVDD.


Similar Part No. - MAX9722BETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9722BETE MAXIM-MAX9722BETE Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
More results

Similar Description - MAX9722BETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9722A MAXIM-MAX9722A Datasheet
627Kb / 20P
   5V, Differential Input, DirectDrive, 130mW Stereo Headphone Amplifiers with Shutdown
Rev 0; 10/03
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX97220A MAXIM-MAX97220A Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 0; 1/11
MAX97220A_1110 MAXIM-MAX97220A_1110 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 1; 10/11
MAX97220A MAXIM-MAX97220A_14 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX4410 MAXIM-MAX4410 Datasheet
865Kb / 20P
   80mW, DirectDrive Stereo Headphone Driver with Shutdown
Rev 2; 10/02
MAX97220A_V2 MAXIM-MAX97220A_V2 Datasheet
3Mb / 19P
   Differential Input DirectDrive Line Drivers/Headphone Amplifiers
Rev 2; 7/12
MAX9721 MAXIM-MAX9721 Datasheet
559Kb / 14P
   1V, Fixed-Gain, DirectDrive, Stereo Headphone Amplifier with Shutdown
Rev 0; 1/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com