Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9587AZT+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9587AZT+T
Description  Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9587AZT+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9587AZT+T Datasheet HTML 1Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 2Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 3Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 4Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 5Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 6Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 7Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 8Page - Maxim Integrated Products MAX9587AZT+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Single, Dual, Triple, and Quad Standard-Definition
Video Filter Amplifiers with AC-Coupled Input Buffers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, GND = 0V, VRL = no load, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
2.7V
≤ VDD ≤ 3.6V
48
Power-Supply Rejection
Ratio
f = 1MHz, 100mVP-P
29
dB
±1dB passband flatness
8.5
MHz
f = 5.5MHz
-0.15
f = 9.5MHz
-3
Standard-Definition
Reconstruction Filter
VOUT_ = 2VP-P,
reference frequency is
100kHz
f = 27MHz
-55
dB
Differential Gain
DG
5-step modulated staircase of 129mV step size and
286mV peak-to-peak subcarrier amplitude,
f = 4.43MHz
0.1
%
Differential Phase
DP
5-step modulated staircase of 129mV step size and
286mV peak-to-peak subcarrier amplitude,
f = 4.43MHz
0.4
Degrees
2T Pulse-to-Bar K Rating
2T = 200ns, bar time is 18µs; the beginning 2.5%
and the ending 2.5% of the bar time are ignored
0.6
K%
2T Pulse Response
2T = 200ns
0.2
K%
2T Bar Response
2T = 200ns, bar time is 18µs; the beginning 2.5%
and the ending 2.5% of the bar time are ignored
0.2
K%
Nonlinearity
5-step staircase
0
%
Group Delay Distortion
100kHz
≤ f ≤ 5.5MHz, outputs are 2VP-P
9ns
Peak Signal to RMS Noise
100kHz
≤ f ≤ 5.5MHz
71
dB
Output Impedance
f = 5.5MHz
4.8
All-Hostile Crosstalk
f = 4.43MHz
-64
dB
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Voltage gain (AV) is a two-point measurement in which the output-voltage swing is divided by the input-voltage swing.


Similar Part No. - MAX9587AZT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9587AZT+T MAXIM-MAX9587AZT+T Datasheet
413Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
More results

Similar Description - MAX9587AZT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
   Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
   Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Cadeka Microcircuits LL...
CLC3800 CADEKA-CLC3800 Datasheet
926Kb / 11P
   Triple, Standard Definition Video Amplifiers
CLC3800 CADEKA-CLC3800_10 Datasheet
1Mb / 17P
   Triple, Standard Definition Video Amplifiers
logo
Zetex Semiconductors
ZXFV201 ZETEX-ZXFV201_07 Datasheet
308Kb / 10P
   Quad, single, triple and dual video amplifiers
ZXFVX ZETEX-ZXFVX Datasheet
298Kb / 10P
   Quad, single, triple and dual video amplifiers
logo
Maxim Integrated Produc...
MAX9517 MAXIM-MAX9517 Datasheet
347Kb / 22P
   Standard-Definition Video Filter Amplifiers with Dual SPST Switches
Rev 0; 9/07
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com