Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2308PBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRS2308PBF
Description  HALF-BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2308PBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS2308PBF Datasheet HTML 6Page - International Rectifier IRS2308PBF Datasheet HTML 7Page - International Rectifier IRS2308PBF Datasheet HTML 8Page - International Rectifier IRS2308PBF Datasheet HTML 9Page - International Rectifier IRS2308PBF Datasheet HTML 10Page - International Rectifier IRS2308PBF Datasheet HTML 11Page - International Rectifier IRS2308PBF Datasheet HTML 12Page - International Rectifier IRS2308PBF Datasheet HTML 13Page - International Rectifier IRS2308PBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IRS2308(S)PbF
www.irf.com
10
0
1
2
3
4
-50
-25
0
255075
100
125
Temperatre (oC)
Figure 10A. Logic "0" Input Voltage
vs. Temperature
0
1
2
3
4
10
12
14
16
18
20
VBIAS Supply Voltage (V)
Figure 10B. Logic "0" Input Voltage
vs. Supply Voltage
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
VBAIS Supply Voltage (V)
Figure 11B. High Lovel Output Voltage
vs. Supply Voltage
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Figure 11A. High Level Output Voltage
vs. Temperature
Max.
Max.
Typ.
Max.
Typ.
Max.
Figure 10A. Logic “0” Input Voltage
vs. Temperature
Figure 11A. High Level Output Voltage
vs. Temperature
Temperature (oC)
VBIAS Supply Voltage (V)
VBIAS Supply Voltage (V)
Temperature (oC)
Figure 10A. Logic “0” Input Voltage
vs. Supply Voltage
Figure 11A. High Level Output Voltage
vs. Supply Voltage


Similar Part No. - IRS2308PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
301Kb / 21P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IRS2308 INFINEON-IRS2308 Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
IRS2308S INFINEON-IRS2308S Datasheet
289Kb / 21P
   HALF-BRIDGE DRIVER
DS No.PD60266 Rev A
logo
International Rectifier
IRS2308 IRF-IRS2308_15 Datasheet
301Kb / 21P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2308PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com