Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR8721PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLR8721PBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8721PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLR8721PBF Datasheet HTML 2Page - International Rectifier IRLR8721PBF Datasheet HTML 3Page - International Rectifier IRLR8721PBF Datasheet HTML 4Page - International Rectifier IRLR8721PBF Datasheet HTML 5Page - International Rectifier IRLR8721PBF Datasheet HTML 6Page - International Rectifier IRLR8721PBF Datasheet HTML 7Page - International Rectifier IRLR8721PBF Datasheet HTML 8Page - International Rectifier IRLR8721PBF Datasheet HTML 9Page - International Rectifier IRLR8721PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLR/U8721PbF
6
www.irf.com
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
ID
TOP
1.1A
1.4A
BOTTOM 20A
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms


Similar Part No. - IRLR8721PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8721PBF IRF-IRLR8721PBF Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
IRLR8721PBF-1 IRF-IRLR8721PBF-1 Datasheet
265Kb / 12P
   Compatible with Existing Surface Mount Techniques
IRLR8721PBF-1 IRF-IRLR8721PBF-1_15 Datasheet
265Kb / 12P
   Compatible with Existing Surface Mount Techniques
IRLR8721PBF IRF-IRLR8721PBF_15 Datasheet
298Kb / 12P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR8721PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com