Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78ST108H Datasheet(PDF) 5 Page - Texas Instruments

Part # PT78ST108H
Description  1.5 Amp Positive Step-Down Integrated Switching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT78ST108H Datasheet(HTML) 5 Page - Texas Instruments

  PT78ST108H Datasheet HTML 1Page - Texas Instruments PT78ST108H Datasheet HTML 2Page - Texas Instruments PT78ST108H Datasheet HTML 3Page - Texas Instruments PT78ST108H Datasheet HTML 4Page - Texas Instruments PT78ST108H Datasheet HTML 5Page - Texas Instruments PT78ST108H Datasheet HTML 6Page - Texas Instruments PT78ST108H Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT78ST114H
ACTIVE
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST114S
ACTIVE
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT78ST114V
ACTIVE
SIP MOD
ULE
EFD
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST115H
ACTIVE
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST115S
ACTIVE
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT78ST115ST
ACTIVE
SIP MOD
ULE
EFC
3
200
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT78ST115V
ACTIVE
SIP MOD
ULE
EFD
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST133H
ACTIVE
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST133S
ACTIVE
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT78ST133V
ACTIVE
SIP MOD
ULE
EFD
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST136H
ACTIVE
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST151H
ACTIVE
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST151S
ACTIVE
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT78ST153H
ACTIVE
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST153S
ACTIVE
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT78ST153V
ACTIVE
SIP MOD
ULE
EFD
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST165H
ACTIVE
SIP MOD
ULE
EFA
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
PT78ST165S
ACTIVE
SIP MOD
ULE
EFC
3
25
Pb-Free
(RoHS)
Call TI
Level-1-215C-UNLIM
PT78ST165V
ACTIVE
SIP MOD
ULE
EFD
3
25
Pb-Free
(RoHS)
Call TI
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Similar Part No. - PT78ST108H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78ST108H TI-PT78ST108H Datasheet
159Kb / 4P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST108H TI1-PT78ST108H Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST108H TI1-PT78ST108H Datasheet
496Kb / 5P
[Old version datasheet]   Very Small Footprint
More results

Similar Description - PT78ST108H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78SR153 TI-78SR153 Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST105 TI1-PT78ST105 Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST100 TI-PT78ST100 Datasheet
159Kb / 4P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI-78SR100_07 Datasheet
193Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI-78SR100 Datasheet
214Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST100 TI-78ST100 Datasheet
229Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153HC TI1-78SR153HC Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
[Old version datasheet]   1.5 Amp Negative Step-Down Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com