Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGCT03QP1S Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MGCT03QP1S
Description  Transmit Circuit for TDMA/AMPS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MGCT03QP1S Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MGCT03QP1S Datasheet HTML 1Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 2Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 3Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 4Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 5Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 6Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 7Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 8Page - Zarlink Semiconductor Inc MGCT03QP1S Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MGCT03
2
Pin
Signal Name
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
CP2
AGC
RF DEG1
RF DEG2
RF GND
RF 1900
RF1900
RF 900
RF 900
VCO GND
VHF OSC BIAS
VHF OSC IN
VCO VCC
NC
GND
Q IN
Q IN
GND
I IN
I IN
VCC
UHF VCC
LO 2GHZ
GND UHF
LO 1GHZ
RF VCC
CP1
CP0
Control pin 2. See Tables 4 and 5 for function
Control voltage for IF and RF variable gain amplifiers
Connection to external inductor to control gain of power amplifiers
Connection to external inductor to control gain of power amplifiers
Ground connection to RF circuits
Inverse output from 1900MHz differential output driver
Output from 1900MHz differential output driver
Inverse output from 900MHz differential output driver
Output from 900MHz differential output driver
Ground connection for VHF oscillator
Switched bias voltage for external VHF oscillator
Input from external VHF oscillator
Positive supply to VHF oscillator
Not used
Ground connection
Q input
Q input
Ground connection
I input
I input
Positive supply connection
Positive supply to UHF oscillator input buffers
2GHz local oscillator input
Ground connection to UHF oscillator input buffers
1GHz local oscillator input
Positive supply connection to RF circuits
Control pin 1. See Tables 4 and 5 for function
Control pin 0. See Tables 4 and 5 for function
Table 1 - Pin Assignments
CP2
AGC
RF DEG1
RF DEG2
RF GND
RF 1900
RF 1900
RF 900
RF 900
VCO GND
VHF OSC BIAS
VHF OSC IN
VCO VCC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CP0
CP1
RF VCC
LO 1GHz
UHF GND
LO 2GHz
UHF VCC
VCC
I IN
I IN
GND
Q IN
Q IN
GND
MGCT03
QSOP28
Figure 2 - Pin Connections - top view


Similar Part No. - MGCT03QP1S

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1S ZARLINK-MGCT02/KG/QP1S Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT02/KG/QP1T ZARLINK-MGCT02/KG/QP1T Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
MGCT04KG ZARLINK-MGCT04KG Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
More results

Similar Description - MGCT03QP1S

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MGCT02 ZARLINK-MGCT02 Datasheet
273Kb / 12P
   Transmit Circuit for TDMA/AMPS
MGCT04 ZARLINK-MGCT04 Datasheet
343Kb / 12P
   Transmit Circuit for TDMA/AMPS and CDMA/AMPS
logo
Synaptics Incorporated.
CX74037 CONEXANT-CX74037 Datasheet
106Kb / 11P
   Transmit RF IC for TDMA or AMPS Applications
logo
Zarlink Semiconductor I...
MGCM01 ZARLINK-MGCM01 Datasheet
397Kb / 18P
   TDMA/AMPS Baseband Interface
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
API Technologies Corp
CMF252 APITECH-CMF252 Datasheet
113Kb / 1P
   AMPS Fullband Transmit Filter
logo
Synaptics Incorporated.
CX74036 CONEXANT-CX74036 Datasheet
106Kb / 13P
   IS-136 Receive RF IC for TDMA and AMPS Applications
logo
Zarlink Semiconductor I...
MGCM02 ZARLINK-MGCM02 Datasheet
529Kb / 21P
   TDMA/AMPS IF and Baseband Interface
logo
RF Micro Devices
RF2152 RFMD-RF2152 Datasheet
251Kb / 12P
   DUAL-MODE CDMA/AMPS OR TDMA/AMPS 3V POWER AMPLIFIER
logo
API Technologies Corp
CMF258 APITECH-CMF258 Datasheet
113Kb / 1P
   AMPS A-Band Transmit Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com