Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C1168EPWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65C1168EPWG4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C1168EPWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65C1168EPWG4 Datasheet HTML 3Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 4Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 5Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 6Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 7Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 8Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 9Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 10Page - Texas Instruments SN65C1168EPWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
RECEIVER SECTION
Switching Characteristics
(1)
ESD Protection
SN65C1167E
,, SN65C1168E
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS740A – MARCH 2007 – REVISED APRIL 2007
abc
Electrical Characteristics
over recommended ranges of common-mode input voltage, supply voltage, and operating free-air temperature
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Positive-going input threshold voltage,
VIT+
0.2
V
differential input
Negative-going input threshold voltage,
VIT–
–0.2(2)
V
differential input
Vhys
Input hysteresis (VIT+ – VIT–)
60
mV
VIK
Input clamp voltage, RE
SN65C1167E II = –18 mA
–1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = –6 mA
3.8
4.2
V
VOL
Low-level output voltage
VID = –200 mV,
IOL = 6 mA
0.1
0.3
V
High-impedance state
IOZ
SN65C1167E VO = VCC or GND
±0.5
±5
µA
output current
VI = 10 V
1.5
II
Line input current
Other input at 0 V
mA
VI = –10 V
–2.5
II
Enable input current, RE
SN65C1167E VI = VCC or GND
±1
µA
rI
Input resistance
VIC = –7 V to 7 V, Other input at 0 V
4
17
k
VI = VCC or GND
4
6
No load,
ICC
Supply current (total package)
mA
Enabled
VIH = 2.4 V or 0.5 V(3)
5
9
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for
common-mode input voltage and threshold voltage levels only.
(3)
Refer to TIA/EIA-422-B for exact conditions.
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 5
9
15
27
ns
tPHL
Propagation delay time, high- to low-level output
See Figure 5
9
15
27
ns
tTLH
Transition time, low- to high-level output
4
9
ns
VIC = 0 V,
See Figure 5
tTHL
Transition time, high- to low-level output
4
9
ns
tPZH
Output-enable time to high level
7
22
ns
tPZL
Output-enable time to low level
7
22
ns
RL = 1 kΩ,
SN65C1167E
See Figure 6
CL= 50 pF
tPHZ
Output-disable time from high level
12
22
ns
tPLZ
Output-disable time from low level
12
22
ns
(1)
Measured per input while the other inputs are at VCC or GND
(2)
All typical values are at VCC = 5 V and TA = 25°C.
PARAMETER
TEST CONDITIONS
TYP
UNIT
HBM
±15
Receiver input
IEC 61000-4-2, Air-Gap Discharge
±8
kV
IEC 61000-4-2, Contact Discharge
±8
7
Submit Documentation Feedback


Similar Part No. - SN65C1168EPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWSEP TI1-SN65C1168EMPWSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWTSEP TI1-SN65C1168EMPWTSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
More results

Similar Description - SN65C1168EPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com