Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C1168ENSRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65C1168ENSRG4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C1168ENSRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65C1168ENSRG4 Datasheet HTML 1Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 2Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 3Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 4Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 5Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 6Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 7Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 8Page - Texas Instruments SN65C1168ENSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
RE
2R
2A
2B
GND
VCC
1D
1Y
1Z
DE
2Z
2Y
2D
SN65C1167E . . . NS OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1R
1DE
2R
2A
2B
GND
VCC
1D
1Y
1Z
2DE
2Z
2Y
2D
SN65C1168E . . . NS OR PW PACKAGE
(TOP VIEW)
SN65C1167E . . . RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
1D
1Y
1Z
DE
2Z
2Y
1A
1R
RE
2R
2A
2B
SN65C1168E . . . RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
1D
1Y
1Z
2DE
2Z
2Y
1A
1R
1DE
2R
2A
2B
SN65C1167E
,, SN65C1168E
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS740A – MARCH 2007 – REVISED APRIL 2007
• Meet or Exceed Standards TIA/EIA-422-B and
ITU Recommendation V.11
• Operate From Single 5-V Power Supply
• ESD Protection for RS-422 Bus Pins
±15-kV Human-Body Model (HBM)
±8-kV IEC 61000-4-2, Contact Discharge
±8-kV IEC 61000-4-2, Air-Gap Discharge
• Low Supply-Current Requirements: 9 mA Max
• Low Pulse Skew
• Receiver Input Impedance . . . 17 kΩ (Typ)
• Receiver Input Sensitivity . . . ±200 mV
• Receiver Common-Mode Input Voltage Range
of –7 V to 7 V
• Glitch-Free Power-Up/Power-Down Protection
• Receiver 3-State Outputs Active-Low Enable
(SN65C1167E Only)
INFORMATION
The SN65C1167E and SN65C1168E consist of dual
drivers and dual receivers with
±15-kV ESD (Human
Body Model [HBM]) and
±8-kV ESD (IEC61000-4-2
Air-Gap
Discharge
and
Contact
Discharge)
for
RS-422
bus
pins.
The
devices
meet
the
requirements
of
TIA/EIA-422-B
and
ITU
recommendation V.11.
The SN65C1167E combines dual 3-state differential
line drivers and 3-state differential line receivers,
both of which operate from a single 5-V power
supply. The driver and receiver have active-high and
active-low
enables,
respectively,
which
can
be
connected together externally to function as direction
control.
SN65C1168E drivers have individual active-high
enables.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65C1168ENSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWSEP TI1-SN65C1168EMPWSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWTSEP TI1-SN65C1168EMPWTSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
More results

Similar Description - SN65C1168ENSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com