Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C1168ERGYR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C1168ERGYR
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C1168ERGYR Datasheet(HTML) 2 Page - Texas Instruments

  SN65C1168ERGYR Datasheet HTML 1Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 2Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 3Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 4Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 5Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 6Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 7Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 8Page - Texas Instruments SN65C1168ERGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
SN65C1167E
,, SN65C1168E
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS740A – MARCH 2007 – REVISED APRIL 2007
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SN65C1167ENS
65C1167E
Tube of 50
SN65C1168ENS
65C1168E
SOP – NS
SN65C1167ENSR
65C1167E
Reel of 2000
SN65C1168ENSR
65C1168E
SN65C1167EPW
CB1167E
–40
°C to 85°C
Tube of 90
SN65C1168EPW
CB1168E
TSSOP – PW
SN65C1167EPWR
CB1167E
Reel of 2000
SN65C1168EPWR
CB1168E
SN65C1167ERGYR
CB1167
QFN – RGY
Reel of 1000
SN65C1168ERGYR
CB1168
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLES
Each Driver
OUTPUTS
INPUT
ENABLE
D
DE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
SN65C1167E, Each Receiver(1)
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A–B
RE
R
VID ≥ 0.2 V
L
H
–0.2 V < VID < 0.2 V
L
?
VID ≤ –0.2 V
L
L
X
H
Z
Open
L
H
(1)
H = High level, L = Low level, ? = Indeterminate, X = Irrelevant,
Z = High impedance (off)
SN65C1168E, Each Receiver(1)
DIFFERENTIAL INPUTS
OUTPUT
A–B
R
VID ≥ 0.2 V
H
–0.2 V < VID < 0.2 V
?
VID ≤ –0.2 V
L
Open
H
(1)
H = High level, L = Low level, ? = Indeterminate
2
Submit Documentation Feedback


Similar Part No. - SN65C1168ERGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWSEP TI1-SN65C1168EMPWSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWTSEP TI1-SN65C1168EMPWTSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
More results

Similar Description - SN65C1168ERGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com