Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C1168EPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C1168EPW
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C1168EPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65C1168EPW Datasheet HTML 2Page - Texas Instruments SN65C1168EPW Datasheet HTML 3Page - Texas Instruments SN65C1168EPW Datasheet HTML 4Page - Texas Instruments SN65C1168EPW Datasheet HTML 5Page - Texas Instruments SN65C1168EPW Datasheet HTML 6Page - Texas Instruments SN65C1168EPW Datasheet HTML 7Page - Texas Instruments SN65C1168EPW Datasheet HTML 8Page - Texas Instruments SN65C1168EPW Datasheet HTML 9Page - Texas Instruments SN65C1168EPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
DRIVER SECTION
Switching Characteristics
ESD Protection
SN65C1167E
,, SN65C1168E
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS740A – MARCH 2007 – REVISED APRIL 2007
abc
Electrical Characteristics
over recommended supply voltage and operating free-air temperature ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIK
Input clamp voltage
II = –18 mA
–1.5
V
VOH
High-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOH = –20 mA
2.4
3.5
V
VOL
Low-level output voltage
VIH = 2 V,
VIL = 0.8 V,
IOL = 20 mA
0.2
0.4
V
|VOD1|
Differential output voltage 1
IO = 0 mA
2
6
V
|VOD2|
Differential output voltage 2
RL = 100 Ω, See Figure 1(2)
2
3.7
V
Change in magnitude of
∆|V
OD|
RL = 100 Ω, See Figure 1(2)
±0.4
V
differential output voltage
VOC
Common-mode output voltage
RL = 100 Ω, See Figure 1(2)
±3
V
Change in magnitude of
∆|V
OC|
RL = 100 Ω, See Figure 1(2)
±0.4
V
common-mode output voltage
VO = 6 V
100
IO(OFF)
Output current with power off
VCC = 0 V
µA
VO = –0.25 V
100
VO = 2.5 V
20
IOZ
High-impedance-state output current
µA
VO = 5 V
–20
IIH
High-level input current
VI = VCC or VIH
1
µA
IIL
Low-level input current
VI = GND or VIL
–1
µA
IOS
Short-circuit output current
VO = VCC or GND(3)
–30
–150
mA
VI = VCC or GND
4
6
No load,
ICC
Supply current (total package)
mA
Enabled
VI = 2.4 or 0.5 V(4)
5
9
Ci
Input capacitance
6
pF
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
Refer to TIA/EIA-422-B for exact conditions.
(3)
Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
(4)
This parameter is measured per input, while the other inputs are at VCC or GND.
over recommended supply voltage and operating free-air temperature ranges (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPHL
Propagation delay time, high- to low-level output
8
16
ns
R1 = R2 = 50
Ω,
R3 = 500
Ω,
tPLH
Propagation delay time, low- to high-level output
C1 = C2 = C3 = 40 pF,
S1 is open,
8
16
ns
See Figure 2
abc
tsk(p)
Pulse skew
1.5
4
ns
tr
Rise time
R1 = R2 = 50
Ω,
R3 = 500
Ω,
5
10
ns
C1 = C2 = C3 = 40 pF,
S1 is open,
tf
Fall time
5
10
ns
See Figure 3
tPZH
Output-enable time to high level
R1 = R2 = 50
Ω,
R3 = 500
Ω,
10
19
ns
C1 = C2 = C3 = 40 pF,
S1 is closed,
tPZL
Output-enable time to low level
10
19
ns
See Figure 4
tPHZ
Output-disable time from high level
R1 = R2 = 50
Ω,
R3 = 500
Ω,
7
16
ns
C1 = C2 = C3 = 40 pF,
S1 is closed,
tPLZ
Output-disable time from low level
7
16
ns
See Figure 4
(1)
All typical values are at VCC = 5 V and TA = 25°C.
PARAMETER
TEST CONDITIONS
TYP
UNIT
HBM
±15
Driver output
IEC 61000-4-2, Air-Gap Discharge
±8
kV
IEC 61000-4-2, Contact Discharge
±8
6
Submit Documentation Feedback


Similar Part No. - SN65C1168EPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWSEP TI1-SN65C1168EMPWSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWTSEP TI1-SN65C1168EMPWTSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
More results

Similar Description - SN65C1168EPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com